Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 328Page - Renesas Technology Corp M32C/86 Datasheet HTML 329Page - Renesas Technology Corp M32C/86 Datasheet HTML 330Page - Renesas Technology Corp M32C/86 Datasheet HTML 331Page - Renesas Technology Corp M32C/86 Datasheet HTML 332Page - Renesas Technology Corp M32C/86 Datasheet HTML 333Page - Renesas Technology Corp M32C/86 Datasheet HTML 334Page - Renesas Technology Corp M32C/86 Datasheet HTML 335Page - Renesas Technology Corp M32C/86 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 505 page
background image
22. Intelligent I/O (Stepping Moter Control Function)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
Page 309
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
22.5 Stepping Motor Control Function
The stepping motor control function controls up to four sets of stepping motors by microstepping.
Table 22.29 lists pin structure. Table 22.30 lists specifications of the stepping motor control function.
Table 22.29 Pin Structure
Table 22.30 Stepping Motor Control Function Specifications
Item
Specification
PWM Output
4 sets (4 outputs per set)
Count Source
fBT1
Carrier Wave Cycle
Set the BTRE bit in the G1POCRi register (i=0 to 7) to "1" (base
timer reset enabled when bit 10 in the base timer overflows)
PWM Output Waveform
Primary output width :
Inversed level signal width :
m: setting value of the G1POi register
EMI Countermeasure
Delaying PWM output from each set reduces noise generated by output buffer switching
1026
fBTi
m
fBTi
1026- m
fBTi
PWM Set
Output Pin
Function
Set 0
GASP0
A-phase positive terminal for Set 0
GASM0
A-phase negative terminal for Set 0
GACP0
B-phase positive terminal for Set 0
GACM0
B-phase negative terminal for Set 0
Set 1
GASP1
A-phase positve terminal for Set 1
GASM1
A-phase negative terminal for Set 1
GACP1
B-phase positive terminal for Set 1
GACM1
B-phase negative terminal for Set 1
Set 2
GASP2
A-phase positive terminal for Set 2
GASM2
A-phase negative terminal for Set 2
GACP2
B-phase positive terminal for Set 2
GACM2
B-phase negative terminal for Set 2
Set 3
GASP3
A-phase positive terminal for Set 3
GASM3
A-phase negative terminal for Set 3
GACP3
B-phase positive terminal for Set 3
GACM3
B-phase negative terminal for Set 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com