Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 324Page - Renesas Technology Corp M32C/86 Datasheet HTML 325Page - Renesas Technology Corp M32C/86 Datasheet HTML 326Page - Renesas Technology Corp M32C/86 Datasheet HTML 327Page - Renesas Technology Corp M32C/86 Datasheet HTML 328Page - Renesas Technology Corp M32C/86 Datasheet HTML 329Page - Renesas Technology Corp M32C/86 Datasheet HTML 330Page - Renesas Technology Corp M32C/86 Datasheet HTML 331Page - Renesas Technology Corp M32C/86 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 505 page
background image
Page 305
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 22.24 Pin Settings (Continued)
Port
Function
Setting
Register(1)
Name
PS5 Register PD11 Register IPS Register
P110
ISTxD1 output
PS5_0 = 1
-
-
G1POCR0
P112
ISRxD1 input
PS5_2 = 0
PD11_2 = 0
IPS1 = 1
-
NOTES:
1. Set the MOD2 to MOD0 bits in the corresponding register to "1112" (output from the communication
function used).
Figure 22.31 Transmit Operation
Figure 22.32 Receive Operation
"H"
"L"
"1"
"0"
"1"
"0"
"1"
"0"
Tc
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
Set data in G1TB register
Set data in G1TB register
SIO1TR bit
TI bit
ISTxD1 pin
Internal
Transfer clock
TXEPT bit
The above applies to the following conditions:
• The STPS bit in the G1MR register is set to "0" (1 stop bit)
• The PRYE bit in the G1MR register is set to "0" (parity disabled)
• The UFORM bit in the G1MR register is set to "0" (LSB first)
• The INV bits in the G1POCR0 to G1POCR7 registers are set to "0" (no inverse)
• The IRS bit in the G1MR register is set to "0" (no data in the G1TB register)
TI, TXEPT bit : Bits in the G1CR register
SIO1TR bit
: Bit in the IIO3IR register
SP
SP
ST
ST
Write "0" by program
if setting to "0"
D0 D1 D2 D3 D4 D5 D6 D7
ST
D0 D1 D2 D3 D4 D5 D6 D7
ST
Read the G1RB register
SP
ISRxD1 pin
Internal
Transfer clock
SIO1RR bit
RI bit
The above applies to the following conditions:
• The STPS bit in the G1MR register is set to "0" (1 stop bit)
• The PRYE bit in the G1MR register is set to "0" (parity disabled)
• The UFORM bit in the G1MR register is set to "0" (LSB first)
• The INV bits in the G1POCR0 to G1POCR7 registers are set to "0" (no inverse)
SIO1RR bit : Bit in the IIO2IR register
RI bit
: Bit in the G1CR register
"H"
"L"
"1"
"0"
"1"
"0"
Write "0" by program
if setting to "0"
SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com