Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 339Page - Renesas Technology Corp M32C/86 Datasheet HTML 340Page - Renesas Technology Corp M32C/86 Datasheet HTML 341Page - Renesas Technology Corp M32C/86 Datasheet HTML 342Page - Renesas Technology Corp M32C/86 Datasheet HTML 343Page - Renesas Technology Corp M32C/86 Datasheet HTML 344Page - Renesas Technology Corp M32C/86 Datasheet HTML 345Page - Renesas Technology Corp M32C/86 Datasheet HTML 346Page - Renesas Technology Corp M32C/86 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 505 page
background image
Page 320
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
NOTES:
1. Change the BASICCAN bit setting only when the STATE_RESET bit is set to "1" (CAN module
reset completed).
2. The message slot 14 is the first slot to become active after the RESET1 and RESET0 bits are
set to "0".
3. The message slots 0 to 13 are not affected by entering BasicCAN mode.
23.1.1.4 TSPRE1, TSPRE0 Bits
The TSPRE1 and TSPRE0 bits determine which count source is used for the time stamp counter.
NOTES:
1. Change the TSPRE1 and TSPRE0 bit settings only when the STATE_RESET bit is set to "1"
(CAN module reset completed).
23.1.1.5 TSRESET Bit
When the TSRESET bit is set to "1", the CiTSR register is set to "000016". The TSRESET bit is
automatically set to "0" after the CiTSR register is set to "000016".
23.1.1.6 ECRESET Bit
When the ECRESET bit is set to "1", the CiTEC and CiREC registers are set to "0016". The CAN
module forcibly goes into an error active state.
The ECRESET bit is automatically set to "0" after the CAN module enters an error active state.
NOTES:
1. In an error active state, the CAN module is ready to communicate when 11 continuous reces-
sive bits are detected on the CAN bus.
2. The CANiOUT pin provides an "H" signal output as soon as the ECRESET bit is set to "1". The
CAN bus error may occur when setting the ECRESET bit to "1" during CAN frame transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com