Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 341Page - Renesas Technology Corp M32C/86 Datasheet HTML 342Page - Renesas Technology Corp M32C/86 Datasheet HTML 343Page - Renesas Technology Corp M32C/86 Datasheet HTML 344Page - Renesas Technology Corp M32C/86 Datasheet HTML 345Page - Renesas Technology Corp M32C/86 Datasheet HTML 346Page - Renesas Technology Corp M32C/86 Datasheet HTML 347Page - Renesas Technology Corp M32C/86 Datasheet HTML 348Page - Renesas Technology Corp M32C/86 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 505 page
background image
Page 322
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
SLEEP
(b7 - b1)
CANi Sleep Control Register (i=0, 1)
Symbol
Address
After Reset
C0SLPR
024216
XXXX XXX02
C1SLPR
025216
XXXX XXX02
RW
Sleep Mode Control Bit
0 : Enters sleep mode
1 : Exits sleep mode(1)
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
NOTES:
1. Set up the initial setting for the CAN module after CAN sleep mode is exited. While the CAN0 module
is in sleep mode, no SFR (addresses 01E016 to 024516) for CAN0, except the C0SLPR register, can
be accessed. While the CAN1 module is in sleep mode, no SFR (addresses 025016 to 02BF16) for
CAN1, except the C1SLPR register, can be accessed.
b7
b6
b5
b4
b3
b2
b1
b0
23.1.3 CANi Sleep Control Register (CiSLPR Register) (i=0, 1)
Figure 23.5 C0SLPR and C1SLPR Registers
23.1.3.1 SLEEP Bit
When the SLEEP bit is set to "0", the clock supplied to the CAN module stops running and the CAN
module enters sleep mode.
When the SLEEP bit is set to "1", the clock supplied to the CAN module starts running and the CAN
module exits sleep mode.
NOTES:
1. Enter sleep mode after the STATE_RESET bit in the CiSTR register is set to "1" (CAN module
reset completed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com