Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 345Page - Renesas Technology Corp M32C/86 Datasheet HTML 346Page - Renesas Technology Corp M32C/86 Datasheet HTML 347Page - Renesas Technology Corp M32C/86 Datasheet HTML 348Page - Renesas Technology Corp M32C/86 Datasheet HTML 349Page - Renesas Technology Corp M32C/86 Datasheet HTML 350Page - Renesas Technology Corp M32C/86 Datasheet HTML 351Page - Renesas Technology Corp M32C/86 Datasheet HTML 352Page - Renesas Technology Corp M32C/86 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 505 page
background image
Page 326
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.5 CANi Extended ID Register (CiIDR Register) (i=0, 1)
CANi Extended ID Register(1) (i=0, 1)
Symbol
Address
After Reset(2)
C0IDR
020516 - 020416
000016
C1IDR
028516 - 028416
000016
RW
IDE15
IDE14
IDE13
IDE12
IDE11
IDE10
Extended ID15 (Message Slot 15)
IDE9
IDE8
IDE7
IDE6
IDE5
IDE4
IDE3
IDE2
IDE1
IDE0
Extended ID14 (Message Slot 14)
Extended ID13 (Message Slot 13)
Extended ID12 (Message Slot 12)
Extended ID11 (Message Slot 11)
Extended ID10 (Message Slot 10)
Extended ID9 (Message Slot 9)
Extended ID8 (Message Slot 8)
Extended ID7 (Message Slot 7)
Extended ID6 (Message Slot 6)
Extended ID5 (Message Slot 5)
Extended ID4 (Message Slot 4)
Extended ID3 (Message Slot 3)
Extended ID2 (Message Slot 2)
Extended ID1 (Message Slot 1)
Extended ID0 (Message Slot 0)
0: Standard format
1: Extended format
Bit Name
Function
Bit
Symbol
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. Change the CiIDR register setting while the CiMCTLj (j=0to 15) register, corresponding to bits to be
changed, is set to "0016".
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after reset
and supplying the clock to the CAN module.
Standard or extended
format is set by the
corresponding message
slot
b7
b0
b15
b8
Figure 23.7 C0IDR and C1IDR Registers
Bits in the CiIDR register determine the frame format in the message slot corresponding to each bit.
The standard format is selected when the bit is set to "0".
The extended format is selected when the bit is to set "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com