Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 352 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 352 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 348Page - Renesas Technology Corp M32C/86 Datasheet HTML 349Page - Renesas Technology Corp M32C/86 Datasheet HTML 350Page - Renesas Technology Corp M32C/86 Datasheet HTML 351Page - Renesas Technology Corp M32C/86 Datasheet HTML 352Page - Renesas Technology Corp M32C/86 Datasheet HTML 353Page - Renesas Technology Corp M32C/86 Datasheet HTML 354Page - Renesas Technology Corp M32C/86 Datasheet HTML 355Page - Renesas Technology Corp M32C/86 Datasheet HTML 356Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 505 page
background image
Page 329
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.7 CANi Baud Rate Prescaler (CiBRP Register) (i=0, 1)
Figure 23.9 C0BRP and C1BRP Registers
The CiBRP register determines the Tq clock cycle of the CAN bit time. The baud rate is obtained from
Tq clock cycle x Tq per bit.
Tq clock cycle = (BRP+1) / CAN clock
Baud rate =
Tq per bit = SS + PTS + PBS1 + PBS2
Tq: Time quantum
BRP: Setting value of the CiBPR register; 1-255
SS: Synchronization Segment; 1 Tq
PTS: Propagation Time Segment; 1 to 8 Tq
PBS1: Phase Buffer Segment 1; 2 to 8 Tq
PBS2: Phase Buffer Segment 2; 2 to 8 Tq
CANi Baud Rate Prescaler (i=0, 1)
Symbol
Address
After Reset(1)
C0BRP
021716
0000 000116
C1BRP
029716
0000 000116
RW
Function
Setting Range
0116 to FF16(2)
If setting value is n, the CPU clock is divided
by (n+1).
RW
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
2. Do not set to "0016" (divide-by-1).
b7
b0
1
Tq clcok cycle x Tq per bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com