Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 351 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 351 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 347Page - Renesas Technology Corp M32C/86 Datasheet HTML 348Page - Renesas Technology Corp M32C/86 Datasheet HTML 349Page - Renesas Technology Corp M32C/86 Datasheet HTML 350Page - Renesas Technology Corp M32C/86 Datasheet HTML 351Page - Renesas Technology Corp M32C/86 Datasheet HTML 352Page - Renesas Technology Corp M32C/86 Datasheet HTML 353Page - Renesas Technology Corp M32C/86 Datasheet HTML 354Page - Renesas Technology Corp M32C/86 Datasheet HTML 355Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 505 page
background image
Page 328
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.6.1 SAM Bit
The SAM bit determines the number of sample points to be taken per bit.
When the SAM bit is set to "0", only one sample is taken per bit at the end of the Phase Buffer
Segment 1 (PBS1) to determine the value of the bit.
When the SAM bit is set to "1", three samples per bit are taken; one time quantum and two time
quanta before the end of PBS1, and at the end of PBS1. The sample result value which is detected
more than twice becomes the value of the bit sampled.
23.1.6.2 PTS2 to PTS0 Bits
The PTS2 to PTS0 bits determine PTS width.
23.1.6.3 PBS12 to PBS10 Bits
The PBS12 to PBS10 bits determine PBS1 width. Set the PBS12 to 10 bits to "0012" or more.
23.1.6.4 PBS22 to PBS20 Bits
The PBS22 to PBS20 bits determine PBS2 width. Set the PBS22 to PBS20 bits to "0012" or more.
23.1.6.5 SJW1 and SJW0 Bits
The SJW1 and SJW0 bits determine SJW width. Set the SJW1 and SJW0 bits to values less than or
equal to the PBS12 to PBS10 bit settings and the PBS22 to PBS20 bit settings.
Table 23.3 Bit Timing when CPU Clock = 30 MHz
Baud Rate
BRP
Tq Clock Cycles (ns)
Tq Per Bit
PTS+PBS1
PBS2
Sample Point
1Mbps
1
66.7
15
12
2
87%
1
66.7
15
11
3
80%
1
66.7
15
10
4
73%
2
100
10
7
2
80%
2
100
10
6
3
70%
2
100
10
5
4
60%
500Kbps
2
100
20
16
3
85%
2
100
20
15
4
80%
2
100
20
14
5
75%
3
133.3
15
12
2
87%
3
133.3
15
11
3
80%
3
133.3
15
10
4
73%
4
166.7
12
9
2
83%
4
166.7
12
8
3
75%
4
166.7
12
7
4
67%
5
200
10
7
2
80%
5
200
10
6
3
70%
5
200
10
5
4
60%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com