Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 346Page - Renesas Technology Corp M32C/86 Datasheet HTML 347Page - Renesas Technology Corp M32C/86 Datasheet HTML 348Page - Renesas Technology Corp M32C/86 Datasheet HTML 349Page - Renesas Technology Corp M32C/86 Datasheet HTML 350Page - Renesas Technology Corp M32C/86 Datasheet HTML 351Page - Renesas Technology Corp M32C/86 Datasheet HTML 352Page - Renesas Technology Corp M32C/86 Datasheet HTML 353Page - Renesas Technology Corp M32C/86 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 505 page
background image
Page 327
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Configuration Register (i=0, 1)
Symbol
Address
After Reset(1)
C0CONR
020716 - 020616
0000 0000 0000 XXXX2
C1CONR
028716 - 028616
0000 0000 0000 XXXX2
RW
0 0 0: 1Tq
0 0 1: 2Tq
0 1 0: 3Tq
0 1 1: 4Tq
1 0 0: 5Tq
1 0 1: 6Tq
1 1 0: 7Tq
1 1 1: 8Tq
b6
b7
b5
0 0 0 : Do not set to this value
0 0 1: 2Tq
0 1 0: 3Tq
0 1 1: 4Tq
1 0 0: 5Tq
1 0 1: 6Tq
1 1 0: 7Tq
1 1 1: 8Tq
b9
b10
b8
0 0 0 : Do not set to this value
0 0 1: 2Tq
0 1 0: 3Tq
0 1 1: 4Tq
1 0 0: 5Tq
1 0 1: 6Tq
1 1 0: 7Tq
1 1 1: 8Tq
b12
b13
b11
0 0 : 1Tq
0 1: 2Tq
1 0 : 3Tq
1 1 : 4Tq
b14
b15
PTS1
PBS11
PBS21
Propagation Time
Segment
Phase Buffer
Segment 1
Phase Buffer
Segment 2
reSynchronization
Jump Width
SJW0
SJW1
PBS20
PBS22
PBS10
PBS12
PTS0
PTS2
Bit Name
Function
Bit
Symbol
Sampling Number
0: Sampled once
1: Sampled three times
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
SAM
(b3 - b0)
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
b7
b0
b15
b8
Figure 23.8 C0CONR and C1CONR Registers
23.1.6 CANi Configuration Register (CiCONR Register) (i=0, 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com