Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 356 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 356 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 352Page - Renesas Technology Corp M32C/86 Datasheet HTML 353Page - Renesas Technology Corp M32C/86 Datasheet HTML 354Page - Renesas Technology Corp M32C/86 Datasheet HTML 355Page - Renesas Technology Corp M32C/86 Datasheet HTML 356Page - Renesas Technology Corp M32C/86 Datasheet HTML 357Page - Renesas Technology Corp M32C/86 Datasheet HTML 358Page - Renesas Technology Corp M32C/86 Datasheet HTML 359Page - Renesas Technology Corp M32C/86 Datasheet HTML 360Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 505 page
background image
Page 333
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
When using the CAN interrupt, the CiSISTR register (i=0, 1) indicates which message slot is requesting
an interrupt. The SISj bits (j=0 to 15) are not automatically set to "0" (no interrupt requested) when an
interrupt is acknowledged. Set the SISj bits to "0" by program.
Use the MOV instruction, instead of the bit clear instruction, to set the SISj bits to "0". The SISj bits,
which are not being changed to "0", must be set to "1".
For example: To set the SIS0 bit to "0"
Assembly language:
mov.w
#07FFFh, C0SISTR
C language: c0sistr = 0x7FFF;
Refer to 23.4 CAN Interrupt for details.
23.1.11.1 Message Slot for Transmission
The SISj bit is set to "1" (interrupt requested) when the CiTSR register is stored into the message slot j
after data transmission is completed.
23.1.11.2 Message Slot for Reception
The SISj bit is set to "1" (interrupt requested) when the received message is stored in the message slot j
after data reception is completed.
NOTES:
1.If the automatic answering function is enabled in the remote frame receive message slot, the
SISj bit is set to "1" after the remote frame is received and the data frame is transmitted.
2.In the remote frame transmit message slot, the SISj bit is set to "1" after the remote frame is
transmitted and the data frame is received.
3.The SISj bit is set to "1" if the SISj bit is set to "1" by an interrupt request and "0" by program
simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com