Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 356Page - Renesas Technology Corp M32C/86 Datasheet HTML 357Page - Renesas Technology Corp M32C/86 Datasheet HTML 358Page - Renesas Technology Corp M32C/86 Datasheet HTML 359Page - Renesas Technology Corp M32C/86 Datasheet HTML 360Page - Renesas Technology Corp M32C/86 Datasheet HTML 361Page - Renesas Technology Corp M32C/86 Datasheet HTML 362Page - Renesas Technology Corp M32C/86 Datasheet HTML 363Page - Renesas Technology Corp M32C/86 Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 505 page
background image
Page 337
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.15 CANi Error Factor Register (CiEFR Register) (i=0, 1)
Figure 23.17 C0EFR and C1EFR Registers
The CiEFR register indicates the cause of error when a communication error is detected. Set the follow-
ing bits to "0" by program because they are not changed "1" to "0" automatically.
Use the MOV instruction, instead of the bit clear instruction, to set each bit in the CiEFR register to "0".
Bits not being changed to "0" must be set to "1".
For example: To set the ACKE bit for CAN0 to "0"
Assembly language:
mov.b #0FEh, C0EFR
C language:
c0efr = 0xFE;
23.1.15.1 ACKE Bit
The ACKE bit is set to "1" when an ACK error is detected.
23.1.15.2 CRCE Bit
The CRC bit is set to "1" when a CRC error is detected.
23.1.15.3 FORME Bit
The FORME bit is set to "1" when a form error is detected.
23.1.15.4 STFE Bit
The STFE bit is set to "1" when a stuff error is detected.
23.1.15.5 BITE0 Bit
The BITE0 bit is set to "1" when a bit error is detected while transmitting recessive "H".
23.1.15.6 BITE1 Bit
The BITE1 bit is set to "1" when a bit error is detected while transmitting dominant "L".
23.1.15.7 RCVE Bit
The RCVE bit is set to "1" when an error is detected while receiving data.
23.1.15.8 TRE Bit
The TRE bit is set to "1" when an error is detected while transmitting data.
CANi Error Factor Register (i=0, 1)
Symbol
Address
After Reset(1)
C0EFR
021616
0016
C1EFR
029616
0016
RW
ACKE
CRCE
FORME
ACK Error Detect Bit(2)
CRC Error Detect Bit(2)
FORM Error Detect Bit(2)
0: Detects no ACK error
1: Detects an ACK error
0: Detects no CRC error
1: Detects a CRC error
0: Detects no form error
1: Detects a form error
STFE
Stuff Error Detect Bit(2)
0: Detects no stuff error
1: Detects a stuff error
BITE0
Bit Error Detect Bit 0(2)
0: Detects no bit error while transmitting "H"
1: Detects a bit error while transmitting "H"
0: Detects no bit error while transmitting "L"
1: Detects a bit error while transmitting "L"
RCVE
Receive Error Detect Bit(2)
0: Detects no error while receiving data
1: Detects an error while receiving data
TRE
Transmit Error Detect Bit(2)
0: Detects no error while transmitting data
1: Detects an error while transmitting data
BITE1
Bit Error Detect Bit 1(2)
Bit Name
Function
Bit
Symbol
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
2. Set to "0" by program. If it is set to "1", the value before setting to "1" remains.
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com