Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 357 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 353Page - Renesas Technology Corp M32C/86 Datasheet HTML 354Page - Renesas Technology Corp M32C/86 Datasheet HTML 355Page - Renesas Technology Corp M32C/86 Datasheet HTML 356Page - Renesas Technology Corp M32C/86 Datasheet HTML 357Page - Renesas Technology Corp M32C/86 Datasheet HTML 358Page - Renesas Technology Corp M32C/86 Datasheet HTML 359Page - Renesas Technology Corp M32C/86 Datasheet HTML 360Page - Renesas Technology Corp M32C/86 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 505 page
background image
Page 334
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Slot Interrupt Mask Register(1) (i=0, 1)
Symbol
Address
After Reset(2)
C0SIMKR
021116 - 021016
000016
C1SIMKR
029116 - 029016
000016
SIM15
SIM14
SIM13
SIM12
SIM11
SIM10
Slot 15 Interrupt
Request Mask Bit
SIM9
SIM8
SIM7
SIM6
SIM5
Slot 14 Interrupt
Request Mask Bit
Slot 13 Interrupt
Request Mask Bit
Slot 12 Interrupt
Request Mask Bit
Slot 11 Interrupt
Request Mask Bit
Slot 10 Interrupt
Request Mask Bit
Slot 9 Interrupt
Request Mask Bit
Slot 8 Interrupt
Request Mask Bit
Slot 7 Interrupt
Request Mask Bit
Slot 6 Interrupt
Request Mask Bit
Slot 5 Interrupt
Request Mask Bit
Slot 4 Interrupt
Request Mask Bit
Slot 3 Interrupt
Request Mask Bit
Slot 2 Interrupt
Request Mask Bit
Slot 1 Interrupt
Request Mask Bit
Slot 0 Interrupt
Request Mask Bit
SIM4
SIM3
SIM2
SIM1
SIM0
Bit Name
Function
Bit
Symbol
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
0: Masks (disables) an interrupt request
1: Enables an interrupt request
Controls whether the interrupt
request of the corresponding
message slot is enabled or masked.
NOTES:
1. Change the CiSIMKR register setting while the CiMCTLj (j=0to 15) register, corresponding to the bit to
be changed, is set to "0016".
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
b7
b0
b15
b8
23.1.12 CANi Slot Interrupt Mask Register (CiSIMKR Register) (i=0, 1)
Figure 23.14 C0SIMKR and C1SIMKR Registers
The CiSIMKR register determines whether an interrupt request, generated by a data transmission or
reception in the corresponding message slot is enabled or disabled. When the SIMj bit (j=0 to 15) is set
to "1" (no interrupt requested), an interrupt request generated by a data transmission or reception in the
corresponding message slot is enabled. Refer to 23.4 CAN Interrupt for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com