Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 357Page - Renesas Technology Corp M32C/86 Datasheet HTML 358Page - Renesas Technology Corp M32C/86 Datasheet HTML 359Page - Renesas Technology Corp M32C/86 Datasheet HTML 360Page - Renesas Technology Corp M32C/86 Datasheet HTML 361Page - Renesas Technology Corp M32C/86 Datasheet HTML 362Page - Renesas Technology Corp M32C/86 Datasheet HTML 363Page - Renesas Technology Corp M32C/86 Datasheet HTML 364Page - Renesas Technology Corp M32C/86 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 505 page
background image
Page 338
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.16 CANi Mode Register (CiMDR Register) (i=0, 1)
Figure 23.18 C0MDR and C1MDR Registers
23.1.16.1 CMOD Bit
The CMOD bit selects a CAN operating mode.
• Normal operating mode: The CAN module transmits and receives data as expected.
• Bus monitoring mode(1): The CAN module receives data. Output signal from the CANiOUT pin is
fixed as a high-level ("H") signal in bus monitoring mode. The CAN mod
ule transmits neither ACK nor error frame.
• Self-test mode: The CAN module connects the CANiOUT pin to the CANiIN pin internally.
The CAN module can communicate without additional device in loop back mode.
Output signal from the CANiOUT pin is fixed as an "H" signal in self-test mode while
transmitting data. Figure 23.19 shows an image diagram in self-test mode.
NOTES:
1. Do not generate a transmit request in bus monitoring mode.
The CAN module assumes the ACK bit is set to dominant "L" regardless of the ACK bit setting.
Therefore, when the CRC delimiter is received as expected, the CAN module determines the
data is received with no error regardless of the ACK bit setting.
CANi Mode Register (i=0, 1)(1)
Symbol
Address
After Reset(2)
C0MDR
021916
XXXX XX002
C1MDR
029916
XXXX XX002
RW
CMOD
(b7 - b2)
CAN Operating Mode
Select Bit
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
0 0: Normal operating mode
0 1: Bus monitoring mode
1 0: Self-test mode
1 1: Do not set to this value
b1 b0
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. Set the CiMDR register when the STATE_RESET bit in the CiSTR register is set to "1" (CAN module
reset completed).
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com