Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 355Page - Renesas Technology Corp M32C/86 Datasheet HTML 356Page - Renesas Technology Corp M32C/86 Datasheet HTML 357Page - Renesas Technology Corp M32C/86 Datasheet HTML 358Page - Renesas Technology Corp M32C/86 Datasheet HTML 359Page - Renesas Technology Corp M32C/86 Datasheet HTML 360Page - Renesas Technology Corp M32C/86 Datasheet HTML 361Page - Renesas Technology Corp M32C/86 Datasheet HTML 362Page - Renesas Technology Corp M32C/86 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 505 page
background image
Page 336
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Error Interrupt Status Register (i=0, 1)
Symbol
Address
After Reset(1)
C0EISTR
021516
XXXX X0002
C1EISTR
029516
XXXX X0002
RW
BOIS
EPIS
BEIS
(b7 - b3)
Bus-Off Interrupt
Status Bit(2)
Error-Passive Interrupt
Status Bit(2)
CAN Bus-Error Interrupt
Status Bit(2)
0: No interrupt is requested
1: Interrupt is requested
0: No interrupt is requested
1: Interrupt is requested
0: No interrupt is requested
1: Interrupt is requested
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
RW
NOTES:
1. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset and supplying the clock to the CAN module.
2. Set to "0" by program. When it is set to "1", the value before setting to "1" remains.
b7
b6
b5
b4
b3
b2
b1
b0
23.1.14 CANi Error Interrupt Status Register (CiEISTR Register) (i=0, 1)
Figure 23.16 C0EISTR and C1EISTR Registers
When using the CAN interrupt, the CiEISTR register indicates the source of the generated error inter-
rupt. The BOIS, EPIS and BEIS bits are not automatically set to "0" (no interrupt requested) even if an
interrupt is acknowledged. Set these bits to "0" by program.
Use the MOV instruction, instead of the bit clear instruction, to set each bit in the CiEISTR register to "0".
Bits not being changed to "0" must be set to "1".
For example: To set the BOIS bit for CAN0 to "0"
Assembly language:
mov.b#006h, C0EISTR
C language:
c0eistr = 0x06;
Refer to 23.4 CAN Interrupt for details.
23.1.14.1 BOIS Bit
The BOIS bit is set to "1" when the CAN module is placed in a bus-off state.
23.1.14.2 EPIS Bit
The EPIS bit is set to "1" when the CAN module is placed in an error passive state.
23.1.14.3 BEIS Bit
The BEIS bit is set to "1" when a CAN bus error is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com