Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 362Page - Renesas Technology Corp M32C/86 Datasheet HTML 363Page - Renesas Technology Corp M32C/86 Datasheet HTML 364Page - Renesas Technology Corp M32C/86 Datasheet HTML 365Page - Renesas Technology Corp M32C/86 Datasheet HTML 366Page - Renesas Technology Corp M32C/86 Datasheet HTML 367Page - Renesas Technology Corp M32C/86 Datasheet HTML 368Page - Renesas Technology Corp M32C/86 Datasheet HTML 369Page - Renesas Technology Corp M32C/86 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 505 page
background image
Page 343
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 23.23 C0GMR1, C0LMAR1 and C0LMBR1 Registers
C1GMR1, C1LMAR1 and C1LMBR1 Registers
CANi Global Mask Register Standard ID1(1)
CANi Local Mask Register A Standard ID1(1)
CANi Local Mask Register B Standard ID1(1) (i=0, 1)
Symbol
Address
After Reset(2)
C0GMR1, C1GMR1
022916, 02A916
XX00 00002
C0LMAR1, C1LMAR1
023116(3), 02B116(4)
XX00 00002
C0LMBR1, C1LMBR1
023916(5), 02B916(6)
XX00 00002
RW
Standard ID0
0: No ID is verified
1: ID is verified
Standard ID1
Standard ID2
Standard ID3
Standard ID4
Standard ID5
SID0M
SID1M
SID2M
SID3M
SID4M
SID5M
(b7 - b6)
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
RW
RW
RW
RW
NOTES:
1. The CiGMR0, CiLMAR0 and CiLMBR0 registers can be accessed only when the BANKSEL bit in
the CiCTLR1 register is set to "1" (mask register selected).
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset, supplying the clock to the CAN module, and setting the BANKSEL bit to "0".
3. The C0LMAR1 register shares the same address with the C0MCTL1 register.
4. The C1LMAR1 register shares the same address with the C1MCTL1 register.
5. The C0LMBR1 register shares the same address with the C0MCTL9 register.
6. The C1LMBR1 register shares the same address with the C1MCTL9 register.
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com