Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 369 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 369 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 365Page - Renesas Technology Corp M32C/86 Datasheet HTML 366Page - Renesas Technology Corp M32C/86 Datasheet HTML 367Page - Renesas Technology Corp M32C/86 Datasheet HTML 368Page - Renesas Technology Corp M32C/86 Datasheet HTML 369Page - Renesas Technology Corp M32C/86 Datasheet HTML 370Page - Renesas Technology Corp M32C/86 Datasheet HTML 371Page - Renesas Technology Corp M32C/86 Datasheet HTML 372Page - Renesas Technology Corp M32C/86 Datasheet HTML 373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 505 page
background image
Page 346
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Global Mask Register Extended ID2(1)
CANi Local Mask Register A Extended ID2(1)
CANi Local Mask Register B Extended ID2(1) (i=0, 1)
EID0M
EID1M
EID2M
EID3M
EID4M
EID5M
(b7 - b6)
Extended ID0
0: No ID is verified
1: ID is verified
Extended ID1
Extended ID2
Extended ID3
Extended ID4
Extended ID5
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. The CiGMR4, CiLMAR4 and CiLMBR4 registers can be accessed only when the BANKSEL bit in
the CiCTLR1 register is set to "1" (mask register selected).
2. Value is obtained by setting the SLEEP bit in the CiSLPR register to "1" (sleep mode exited) after
reset, supplying the clock to the CAN module, and setting the BANKSEL bit to "0".
3. The C0LMAR4 register shares the same address with the C0MCTL4 register.
4. The C1LMAR4 register shares the same address with the C1MCTL4 register.
5. The C0LMBR4 register shares the same address with the C0MCTL12 register.
6. The C1LMBR4 register shares the same address with the C1MCTL12 register.
Symbol
Address
After Reset(2)
C0GMR4, C1GMR4
022C16, 02AC16
XX00 00002
C0LMAR4, C1LMAR4
023416(3), 02B416(4)
XX00 00002
C0LMBR4, C1LMBR4
023C16(5), 02BC16(6)
XX00 00002
b7
b6
b5
b4
b3
b2
b1
b0
Figure 23.26 C0GMR4, C0LMAR4 and C0LMBR4 Registers
C1GMR4, C1LMAR4 and C1LMBR4 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com