Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 401 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 401 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 397Page - Renesas Technology Corp M32C/86 Datasheet HTML 398Page - Renesas Technology Corp M32C/86 Datasheet HTML 399Page - Renesas Technology Corp M32C/86 Datasheet HTML 400Page - Renesas Technology Corp M32C/86 Datasheet HTML 401Page - Renesas Technology Corp M32C/86 Datasheet HTML 402Page - Renesas Technology Corp M32C/86 Datasheet HTML 403Page - Renesas Technology Corp M32C/86 Datasheet HTML 404Page - Renesas Technology Corp M32C/86 Datasheet HTML 405Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 505 page
background image
Page 378
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.12 PSL0 Register and PSL1 Register
Function
Function Select Register B0
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSL0
03B216
0016
PSL0_4
Port P64 Output Peripheral
Function Select Bit
0 : RTS1
1 : Do not set to this value
PSL0_6
Port P66 Output Peripheral
Function Select Bit
0 : SCL1 output
1 : STXD1
PSL0_2
(b1 - b0)
(b3)
(b5)
(b7)
Port P62 Output Peripheral
Function Select Bit
0 : SCL0 output
1 : STXD0
Reserved Bit
Set to "0"
Reserved Bit
Set to "0"
Reserved Bit
Set to "0"
Reserved Bit
Set to "0"
b7
b6
b5
b4
b3
b2
b1
b0
000
0
0
RW
RW
RW
RW
RW
RW
RW
RW
Function
Function Select Register B1
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSL1
03B316
0016
PSL1_0
PSL1_1
Port P70 Output Peripheral
Function Select Bit
PSL1_3
PSL1_4
PSL1_5
0 : Selected by the PSC_0 bit
1 : TA0OUT output(1)
0 : Selected by the PSC_1 bit
1 : STXD2(1)
0 : Selected by the PSC_3 bit
1 : V(1)
0 : Selected by the PSC_4 bit
1 : W(1)
0 : W
1 : OUTC12
Port P71 Output Peripheral
Function Select Bit
Port P73 Output Peripheral
Function Select Bit
Port P74 Output Peripheral
Function Select Bit
Port P75 Output Peripheral
Function Select Bit
PSL1_6
0 : Selected by the PSC_6 bit
1 : TA3OUT output(1)
Port P76 Output Peripheral
Function Select Bit
PSL1_7
0 : ISCLK0 output
1 : OUTC14
Port P77 Output Peripheral
Function Select Bit
PSL1_2
Port P72 Output Peripheral
Function Select Bit
0 : Selected by the PSC_2 bit
1 : TA1OUT output(1)
RW
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. When setting the PSL1_i (i = 0 to 4, 6) bit to "1", set the corresponding PSC_i bit
in the PSC register to "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com