Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 400Page - Renesas Technology Corp M32C/86 Datasheet HTML 401Page - Renesas Technology Corp M32C/86 Datasheet HTML 402Page - Renesas Technology Corp M32C/86 Datasheet HTML 403Page - Renesas Technology Corp M32C/86 Datasheet HTML 404Page - Renesas Technology Corp M32C/86 Datasheet HTML 405Page - Renesas Technology Corp M32C/86 Datasheet HTML 406Page - Renesas Technology Corp M32C/86 Datasheet HTML 407Page - Renesas Technology Corp M32C/86 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 505 page
background image
Page 381
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
Function Select Register C
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSC
03AF16
00X0 00002
PSC_0
PSC_3
PSC_4
(b5)
PSC_7
0 : TxD2/SDA2 output
1 : Selected by the PSD1_0 bit
0 : RTS2
1 : OUTC10/ISTxD1/BE1OUT
0 : TA2OUT output
1 : OUTC11/ISCLK1
0 : P104 to P107 or KI0 to KI3
1 : AN4 to AN7(1)
Port P70 Output Peripheral
Function Select Bit
Port P73 Output Peripheral
Function Select Bit
Port P74 Output Peripheral
Function Select Bit
Key Input Interrupt
Disabled Select Bit
PSC_6
0 : Selected by the PSD1_6 bit
1 : CAN0OUT
Port P76 Output Peripheral
Function Select Bit
PSC_2
Port P72 Output Peripheral
Function Select Bit
0 : CLK2 output
1 : V
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
PSC_1
Port P71 Output Peripheral
Function Select Bit
0 : SCL2 output
1 : Selected by the PSD1_1 bit
RW
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. Set the ILVL2 to ILVL0 bits in the the KUPIC register to "0002" (interrupt disabled) when changing
the PSC_7 bit setting.
Although AN4 to AN7 can be used when this bit is set to "0", power consumption may increase.
b7
b6
b5
b4
b3
b2
b1
b0
Function
Function Select Register C2
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PSC2
03AC16
XXXX X00X2
PSC2_2
Port P82 Output Peripheral
Function Select Bit
0 : CAN0OUT
1 : CAN1OUT
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
PSC2_1
(b0)
(b7 - b3)
Port P81 Output Peripheral
Function Select Bit
0 : Do not set to this value
1 : OUTC15
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Figure 24.15 PSC Register and PSC2 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com