Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 404Page - Renesas Technology Corp M32C/86 Datasheet HTML 405Page - Renesas Technology Corp M32C/86 Datasheet HTML 406Page - Renesas Technology Corp M32C/86 Datasheet HTML 407Page - Renesas Technology Corp M32C/86 Datasheet HTML 408Page - Renesas Technology Corp M32C/86 Datasheet HTML 409Page - Renesas Technology Corp M32C/86 Datasheet HTML 410Page - Renesas Technology Corp M32C/86 Datasheet HTML 411Page - Renesas Technology Corp M32C/86 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 505 page
background image
Page 385
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.19 PCR Register and IPS Register
Function
Port Control Register(1)
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PCR
03FF16
XXXX XXX02
RW
PCR0
(b2 - b1)
(b7 - b3)
Port P1 Control
Bit
0 : CMOS output
1 : N-channel open drain output(2)
RW
RW
NOTES:
1. Set the PCR0 bit to "0" when P1 operates as a data bus in memory expansion mode and
microprocessor mode. When using the ports as I/O ports, CMOS port or N-channel open drain output
port can be selected.
M32C/86T cannot be used in memory expansion mode and microprocessor mode.
2. This function is designed not to make port P1 a full open drain but to turn off the P channel in the
CMOS port.
Absolute maximum rating of the input voltage is between -0.3V and VCC + 0.3V.
Reserved Bit
Set to "0"
b7
b6
b5
b4
b3
b2
b1
b0
00
Input Function Select Register
Symbol
Address
After Reset
IPS
017816
0016
RW
Bit Name
Function
Bit
Symbol
RW
RW
RW
RW
IPS0
IPS1
Communication Unit 0
Input Pin Select Bit 0
Assigns each function of ISCLK0 and
ISRxD0 to the following ports.
0 : P77, P80
1 : P151, P152
Assigns each function of INPC10,
INPC11/ISCLK1, INPC12/ISRxD1/BE1IN,
INPC13, INPC14, INPC15, INPC16 and
INPC17 to the following ports.
0 : P73, P74, P75, P76, P77, P81, P70, P71
1 : P110, P111, P112, P113, P140, P141,
P142, P143
Communication Unit 1
Input Pin Select Bit 1
IPS2
0 : Except AN15(1)
1 : AN15
Port P15 Input Peripheral
Function Select Bit
IPS3
(b7 - b4)
0 : P77
1 : P83
CAN0IN Function
Pin Select Bit
NOTES:
1. Although AN150 to AN157 can be used when the IPS2 bit is set to "0", power consumption may
increase.
b7
b6
b5
b4
b3
b2
b1
b0
RW
Reserved Bit
Set to "0"
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com