Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 409 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 409 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 405Page - Renesas Technology Corp M32C/86 Datasheet HTML 406Page - Renesas Technology Corp M32C/86 Datasheet HTML 407Page - Renesas Technology Corp M32C/86 Datasheet HTML 408Page - Renesas Technology Corp M32C/86 Datasheet HTML 409Page - Renesas Technology Corp M32C/86 Datasheet HTML 410Page - Renesas Technology Corp M32C/86 Datasheet HTML 411Page - Renesas Technology Corp M32C/86 Datasheet HTML 412Page - Renesas Technology Corp M32C/86 Datasheet HTML 413Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 505 page
background image
Page 386
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
Input Function Select Register A
Bit Name
Bit
Symbol
Symbol
Address
After Reset
IPSA
017916
0016
RW
RW
RW
IPSA_3
IPSA_0
(b2 - b1)
(b7 - b4)
CAN1IN Function
Pin Select Bit
0 : P95
1 : P83
0 : P80, P81 used as two-phase pulse
input pin, INT1 as base timer reset
1 : P76, P77 used as two-phase pulse
input pin, INT0 as base timer reset
RW
RW
Reserved Bit
Set to "0"
Reserved Bit
Set to "0"
Intelligent I/O Two-Phase
Pulse Input Pin and Base
Timer Reset Pin Switch Bit
b7
b6
b5
b4
b3
b2
b1
b0
0
00
00
0
Figure 24.20 IPSA Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com