Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 408Page - Renesas Technology Corp M32C/86 Datasheet HTML 409Page - Renesas Technology Corp M32C/86 Datasheet HTML 410Page - Renesas Technology Corp M32C/86 Datasheet HTML 411Page - Renesas Technology Corp M32C/86 Datasheet HTML 412Page - Renesas Technology Corp M32C/86 Datasheet HTML 413Page - Renesas Technology Corp M32C/86 Datasheet HTML 414Page - Renesas Technology Corp M32C/86 Datasheet HTML 415Page - Renesas Technology Corp M32C/86 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 505 page
background image
Page 389
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 24.3 Port P6 Peripheral Function Output Control
PS0 Register
PSL0 Register
Bit 0
_________ _______
0: P60/CTS0/SS0
Set to "0"
________
1: RTS0
Bit 1 0: P61/CLK0(input)
Set to "0"
1: CLK0(output)
Bit 2 0: P62/RxD0/SCL0(input)
0: SCL0(output)
1: Selected by the PSL0 register
1: STxD0
Bit 3 0: P63/SRxD0/SDA0 (input)
Set to "0"
1: TxD0/SDA0 (output)
Bit 4
_________ _______
0: P64/CTS1/SS1
________
0: RTS1
1: Selected by the PSL0 register
1: Do not set this value
Bit 5 0: P65/CLK1(input)
Set to "0"
1: CLK1(output)
Bit 6 0: P66/RxD1/SCL1(input)
0: SCL1(output)
1: Selected by the PSL0 register
1: STxD1
Bit 7 0: P67/SRxD1/SDA1 (input)
Set to "0"
1: TxD1/SDA1 (output)
Table 24.4 Port P7 Peripheral Function Output Control
PS1 Register
PSL1 Register
PSC Register(1)
PSD1 Register
Bit 0 0: P70/TA0OUT(input)/SRxD2 0: Selected by the PSC register 0: TxD2/SDA2(output)
0: Do not set to this value
INPC16/SDA2 (input)
1: Selected by the PSL1 register 1: TA0OUT(output)
1: Selected by the PSD1 register 1: OUTC16
Bit 1 0: P71/TB5IN/TA0IN/RxD2/
0: Selected by the PSC register 0: SCL2(output)
0: Do not set to this value
INPC17/SCL2 (input)
1: Selected by the PSL1 register 1: STxD2
1: Selected by the PSD1 register 1: OUTC17
Bit 2 0: P72/TA1OUT(input)/
0: Selected by the PSC register 0: CLK2(output)
Set to "0"
CLK2(input)
1: Selected by the PSL1 register 1: TA1OUT(output)
1: V
Bit 3
_________ ______
0: P73/TA1IN/CTS2/SS2/
0: Selected by the PSC register
_________
0: RTS2
Set to "0"
INPC10
1: Selected by the PSL1 register
__
1: V
1: OUTC10/ISTxD1/BE1OUT
Bit 4 0: P74/INPC11/ISCLK1(input)/ 0: Selected by the PSC register 0: TA2OUT(output)
Set to "0"
TA2OUT(input)
1: Selected by the PSL1 register 1: W
1: OUTC11/ISCLK1(output)
Bit 5 0: P75/TA2IN/INPC12/
___
0: W
Set to "0"
Set to "0"
ISRxD1/BE1IN
1: Selected by the PSL1 register 1: OUTC12
Bit 6 0: P76/INPC13/TA3OUT(input) 0: Selected by the PSC register 0: Selected by the PSD1 register 0: ISTxD0
1: Selected by the PSL1 register 1: TA3OUT(output)
1: CAN0OUT
1: OUTC13
Bit 7 0: P77/TA3IN/CAN0IN/
0: ISCLK0(output)
0: P104 to P107 or KI0 to KI3 Set to "0"
ISCLK0(input)/INPC14
1: Selected by the PSL1 register 1: OUTC14
1: AN4 to AN7
(No relation to P77)
NOTES:
1. When setting the PSL1_i bit (i=0 to 4, 6) to "1", set the corresponding PSC_i bit to "0".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com