Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 414 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 410Page - Renesas Technology Corp M32C/86 Datasheet HTML 411Page - Renesas Technology Corp M32C/86 Datasheet HTML 412Page - Renesas Technology Corp M32C/86 Datasheet HTML 413Page - Renesas Technology Corp M32C/86 Datasheet HTML 414Page - Renesas Technology Corp M32C/86 Datasheet HTML 415Page - Renesas Technology Corp M32C/86 Datasheet HTML 416Page - Renesas Technology Corp M32C/86 Datasheet HTML 417Page - Renesas Technology Corp M32C/86 Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 505 page
background image
Page 391
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 24.8 Port P11 Peripheral Function Output Control
PS5 Register
Bit 0
0: P110/INPC10
1: OUTC10/ISTxD1/BE1OUT
Bit 1
0: P111/INPC11/ISCLK1(input)
1
: OUTC11/ISCLK1(output)
Bit 2
0: P112/INPC12/ISRxD1/BE1IN
1: OUTC12
Bit 3
0: P113/INPC13
1: OUTC13
Bit 4 to 7 Set to "00002"
Table 24.9 Port P12 Peripheral Function Output Control
PS6 Register
PSL6 Register
Bit 0 0: P120
0: Do not set this value
1: Selected by the PSL6 register
1: GASP0
Bit 1 0: P121
0: Do not set this value
1: Selected by the PSL6 register
1: GASM0
Bit 2 0: P122
0: Do not set this value
1: Selected by the PSL6 register
1: GACP0
Bit 3 0: P123
0: Do not set this value
1: Selected by the PSL6 register
1: GACM0
Bit 4 0: P124
0: Do not set this value
1: Selected by the PSL6 register
1: GASP1
Bit 5 0: P125
0: Do not set this value
1: Selected by the PSL6 register
1: GASM1
Bit 6 0: P126
0: Do not set this value
1: Selected by the PSL6 register
1: GACP1
Bit 7 0: P127
0: Do not set this value
1: Selected by the PSL6 register
1: GACM1
Table 24.10 Port P13 Peripheral Function Output Control
PS7 Register
PSL7 Register
Bit 0 0: P130
0: Do not set this value
1: Selected by the PSL7 register
1: GASP2
Bit 1 0: P131
0: Do not set this value
1: Selected by the PSL7 register
1: GASM2
Bit 2 0: P132
0: Do not set this value
1: Selected by the PSL7 register
1: GACP2
Bit 3 0: P133
0: Do not set this value
1: Selected by the PSL7 register
1: GACM2
Bit 4 0: P134
0: Do not set this value
1: Selected by the PSL7 register
1: GASP3
Bit 5 0: P135
0: Do not set this value
1: Selected by the PSL7 register
1: GASM3
Bit 6 0: P136
0: Do not set this value
1: Selected by the PSL7 register
1: GACP3
Bit 7 0: P137
0: Do not set this value
1: Selected by the PSL7 register
1: GACM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com