Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 414Page - Renesas Technology Corp M32C/86 Datasheet HTML 415Page - Renesas Technology Corp M32C/86 Datasheet HTML 416Page - Renesas Technology Corp M32C/86 Datasheet HTML 417Page - Renesas Technology Corp M32C/86 Datasheet HTML 418Page - Renesas Technology Corp M32C/86 Datasheet HTML 419Page - Renesas Technology Corp M32C/86 Datasheet HTML 420Page - Renesas Technology Corp M32C/86 Datasheet HTML 421Page - Renesas Technology Corp M32C/86 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 505 page
background image
Page 395
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.1.1 Boot Mode
The microcomputer enters boot mode when a hardware reset is performed while a high-level ("H") signal
is applied to the CNVSS and P50 pins and a low-level ("L") signal is applied to the P55 pin. A program in
the boot ROM area is executed.
In boot mode, the FMR05 bit in the FMR0 register selects access to either the boot ROM area or the user
ROM area.
In the factory setting, the rewrite control program for standard serial I/O mode is stored into the boot ROM
area.
The boot ROM area can be rewritten in parallel I/O mode only. If any rewrite control program using erase-
write mode 0 (EW mode 0) is written in the boot ROM area, the flash memory can be rewritten according
to the system implemented.
25.2 Functions to Prevent the Flash Memory from Rewriting
The flash memory has the ROM code protect function for parallel I/O mode and the ID code verify function
for standard I/O mode to prevent the flash memory from reading or rewriting.
25.2.1 ROM Code Protect Function
The ROM code protect function prevents the flash memory from reading and rewriting in parallel I/O
mode.
Figure 25.2 shows the ROMCP register. The ROMCP register is located in the user ROM area.
The ROM code protect function is enabled when the ROMCP1 bit is set to "002", "012" or "102".
25.2.2 ID Code Verify Function
Use the ID code verify function in standard serial I/O mode. The ID code sent from the serial programmer
is compared with the ID code written in the flash memory for a match. If the ID codes do not match,
commands sent from the serial programmer are not accepted. However, if the four bytes of the reset
vector are "FFFFFFFF16", ID codes are not compared, allowing all commands to be accepted.
The ID codes are 7-byte data stored consecutively, starting with the first byte, into addresses
0FFFFDF16, 0FFFFE316, 0FFFFEB16, 0FFFFEF16, 0FFFFF316, 0FFFFF716 and 0FFFFFB16. The flash
memory must have a program with the ID codes set in these addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com