Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 419 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 419 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 415Page - Renesas Technology Corp M32C/86 Datasheet HTML 416Page - Renesas Technology Corp M32C/86 Datasheet HTML 417Page - Renesas Technology Corp M32C/86 Datasheet HTML 418Page - Renesas Technology Corp M32C/86 Datasheet HTML 419Page - Renesas Technology Corp M32C/86 Datasheet HTML 420Page - Renesas Technology Corp M32C/86 Datasheet HTML 421Page - Renesas Technology Corp M32C/86 Datasheet HTML 422Page - Renesas Technology Corp M32C/86 Datasheet HTML 423Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 505 page
background image
Page 396
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
ROM Code Protect Control Address(5)
Symbol
Address
Factory Setting
ROMCP
FFFFFF16
FF16(4)
RW
RW
RW
Bit Name
Function
Bit
Symbol
NOTES:
1. When the ROM code protection is active by the ROMCP1 bit setting, the flash memory is protected
against reading or rewriting in parallel I/O mode.
2. Set the bit 5 to bit 0 to "1111112" when the ROMCP1 bit is set to a value other than "112".
If the bit 5 to bit 0 are set to values other than "1111112", the ROM code protection may not become
active by setting the ROMCP1 bit to a value other than "112".
3. To make the ROM code protection inactive, erase a block including the ROMCP address in standard
serial I/O mode or CPU rewrite mode.
4. The ROMCP address is set to "FF16" when a block, including the ROMCP address, is erased.
5. When a value of the ROMCP address is "0016" or "FF16", the ROM code protect function is disabled.
b7
b6
b5
b4
b3
b2
b1
b0
(b5 - b0)
ROMCP1
ROM Code Protect
Level 1 Set Bit(1, 2, 3)
b7 b6
Reserved Bit
Set to "1"
0 0 : ROM code protection active
0 1 : ROM code protection active
1 0 : ROM code protection active
1 1 : ROM code protection inactive
11 1 1
1
1
Reset Vector
Watchdog Timer Vector
Address Match Vector
BRK Instruction Vector
Overflow Vector
Undefined Instruction Vector
ID7
ID6
ID5
ID4
ID3
ID2
ID1
NMI Vector
FFFFFF16 to FFFFFC16
FFFFFB16 to FFFFF816
FFFFF716 to FFFFF416
FFFFF316 to FFFFF016
FFFFEF16 to FFFFEC16
FFFFEB16 to FFFFE816
FFFFE716 to FFFFE416
FFFFE316 to FFFFE016
FFFFDF16 to FFFFDC16
4 bytes
Address
Single-Step Vector
DBC Vector
ROMCP
Figure 25.2 ROMCP Address
Figure 25.3 Address for ID Code Stored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com