Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 413 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 413 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 409Page - Renesas Technology Corp M32C/86 Datasheet HTML 410Page - Renesas Technology Corp M32C/86 Datasheet HTML 411Page - Renesas Technology Corp M32C/86 Datasheet HTML 412Page - Renesas Technology Corp M32C/86 Datasheet HTML 413Page - Renesas Technology Corp M32C/86 Datasheet HTML 414Page - Renesas Technology Corp M32C/86 Datasheet HTML 415Page - Renesas Technology Corp M32C/86 Datasheet HTML 416Page - Renesas Technology Corp M32C/86 Datasheet HTML 417Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 505 page
background image
Page 390
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 24.5 Port P8 Peripheral Function Output Control
PS2 Register
PSL2 Register
PSC2 Register
Bit 0
0: P80/ISRxD0/TA4OUT(input)
0: TA4OUT(output)
Set to "0"
1: Selected by the PSL2 register
1: U
Bit 1
0: P81/TA4IN/INPC15
____
0: U
0: Do not set to this value
1: Selected by the PSL2 register
1: Selected by the PSC2 register
1: OUTC15
Bit 2
________
0: P82/INT0
0: Do not set to this value
0: CAN0OUT
1: Selected by the PSL2 register
1: Selected by the PSC2 register
1: CAN1OUT
Bit 3 to 7 Set to "000002"
Table 24.6 Port P9 Peripheral Function Output Control
PS3 Register
PSL3 Register
PSC3 Register
Bit 0 0: P90/TB0IN/CLK3(input)
Set to "0"
Set to "0"
1: CLK3(output)
Bit 1 0: P91/TB1IN/RxD3/SCL3(input)
0: SCL3(output)
Set to "0"
1: Selected by the PSL3 register
1: STxD3
Bit 2 0: P92/TB2IN/SRxD3/SDA3(input)
0: TxD3/SDA3(output)
Set to "0"
1: Selected by the PSL3 register
1: Do not set to this value
Bit 3
_______
_______
0: P93/TB3IN/CTS3/SS3/DA0(output)
0: Except DA0
Set to "0"
________
1: RTS3
1: DA0
Bit 4
________
______
0: P94/TB4IN/CTS4/SS4/DA1(output)
0: Except DA1
Set to "0"
________
1: RTS4
1: DA1
Bit 5 0: P95/ANEX0/CLK4(input)/CAN1IN/
0: Except ANEX0
Set to "0"
________________
CAN1WU
1: CLK4(output)
1: ANEX0
Bit 6 0: P96/SRxD4/ANEX1/SDA4(input)
0: Except ANEX1
0: TxD4/SDA4
1: Selected by the PSC3 register
1: ANEX1
1: CAN1OUT
Bit 7
__________
0: P97/RxD4/ADTRG/SCL4(input)
0: SCL4(output)
Set to "0"
1: Selected by the PSL3 register
1: STxD4
Table 24.7 Port P10 Peripheral Function Output Control
PSC Register
Bit 7
_____
_____
0: P104 to P107 or KI0 to KI3
1: AN4 to AN7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com