Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 406Page - Renesas Technology Corp M32C/86 Datasheet HTML 407Page - Renesas Technology Corp M32C/86 Datasheet HTML 408Page - Renesas Technology Corp M32C/86 Datasheet HTML 409Page - Renesas Technology Corp M32C/86 Datasheet HTML 410Page - Renesas Technology Corp M32C/86 Datasheet HTML 411Page - Renesas Technology Corp M32C/86 Datasheet HTML 412Page - Renesas Technology Corp M32C/86 Datasheet HTML 413Page - Renesas Technology Corp M32C/86 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 505 page
background image
Page 387
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 24.1 Unassigned Pin Settings in Single-Chip Mode
Pin Name
Setting
P0 to P15
Enter input mode and connect each pin to VSS via a resistor (pull-down);
(excluding P85)(1,2,3)
or enter output mode and leave the pins open
XOUT(5)
Leave pin open
_______
NMI(P85)
Connect pin to VCC via a resistor (pull-up)
AVCC
Connect pin to VCC
AVSS, VREF, BYTE
Connect pins to VSS
NOTES:
1. If the port enters output mode and is left open, it is in input mode before output mode is entered by
program after reset. While the port is in input mode, voltage level on the pins is indeterminate and
power consumption may increase.
Direction register settings may be changed by noise or failure caused by noise. Configure direction
register settings regulary to increase the reliability of the program.
2. Use the shortest possible wiring to connect the microcomputer pins to unassigned pins (within 2 cm).
3. P70 and P71 must put in low-level ("L") signal outputs if they are in output mode. They are ports for
the N-channel open-drain output.
4. When the external clock is applied to the XIN pin, set the pin as written above.
Table 24.2 Unassigned Pin Setting in Memory Expansion Mode and Microprocessor Mode
Pin Name
Setting
P6 to P15
Enter input mode and connect each pin to VSS via a resistor (pull-down);
(excluding P85)(1,2,3)
or enter output mode and leave the pins open
_________
BHE, ALE, HLDA,
Leave pin open
XOUT(5), BCLK
_______
__________ _______
RDY, HOLD, NMI(P85)
Connect pins to VCC via a resistor (pull-up)
AVCC
Connect pin to VCC
AVSS, VREF
Connect pins to VSS
NOTES:
1. If the port enters output mode and is left open, it is in input mode before output mode is entered by
program after reset. While the port is in input mode, voltage level on the pins is indeterminate and
power consumption may increase.
Direction register settings may be changed by noise or failure caused by noise. Configure direction
register settings regulary to increase the reliability of the program.
2. Use the shortest possible wiring to connect the microcomputer pins to unassigned pins (within 2 cm).
3. P70 and P71 must put in low-level ("L") signal outputs if they are in output mode. They are ports for
the N-channel open-drain output.
4. When the external clock is applied to the XIN pin, set the pin as written above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com