Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 407 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 407 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 403Page - Renesas Technology Corp M32C/86 Datasheet HTML 404Page - Renesas Technology Corp M32C/86 Datasheet HTML 405Page - Renesas Technology Corp M32C/86 Datasheet HTML 406Page - Renesas Technology Corp M32C/86 Datasheet HTML 407Page - Renesas Technology Corp M32C/86 Datasheet HTML 408Page - Renesas Technology Corp M32C/86 Datasheet HTML 409Page - Renesas Technology Corp M32C/86 Datasheet HTML 410Page - Renesas Technology Corp M32C/86 Datasheet HTML 411Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 505 page
background image
Page 384
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.18 PUR3 Register and PUR4 Register
Function
Pull-Up Control Register 3
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PUR3
03DB16
0016
RW
PU30
PU31
PU32
P100 to P103 Pull-Up
PU33
PU34
PU35
PU37
PU36
P104 to P107 Pull-Up
P110 to P113 Pull-Up
P114 Pull-Up
P120 to P123 Pull-Up
P124 to P127 Pull-Up
P130 to P133 Pull-Up
P134 to P137 Pull-Up
Pull-up setting for corresponding port
0 : Not pulled up
1 : Pulled up
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Function
Pull-Up Control Register 4(1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PUR4
03DC16
XXXX 00002
RW
PU40
PU41
PU42
P140 to P143 Pull-Up
PU43
(b7 - b4)
P144 to P146 Pull-Up
P150 to P153 Pull-Up
P154 to P157 Pull-Up
Pull-up setting for corresponding port
0 : Not pulled up
1 : Pulled up
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com