Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 446Page - Renesas Technology Corp M32C/86 Datasheet HTML 447Page - Renesas Technology Corp M32C/86 Datasheet HTML 448Page - Renesas Technology Corp M32C/86 Datasheet HTML 449Page - Renesas Technology Corp M32C/86 Datasheet HTML 450Page - Renesas Technology Corp M32C/86 Datasheet HTML 451Page - Renesas Technology Corp M32C/86 Datasheet HTML 452Page - Renesas Technology Corp M32C/86 Datasheet HTML 453Page - Renesas Technology Corp M32C/86 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 505 page
background image
Page 427
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
26. Electrical Characteristics (M32C/86)
VCC=5V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
-n
o
i
t
u
l
o
s
e
RV
F
E
R
V
=
C
C
0
1s
t
i
B
L
N
Ir
o
r
r
E
y
t
i
r
a
e
n
il
n
o
N
l
a
r
g
e
t
n
IV
F
E
R
V
=
C
C
V
5
=
N
A 0
N
A
o
t
7
,0
N
A
0
o
t
0
N
A
7
2
N
A
,
0
2
N
A
o
t
7
,
5
1
N
A
0
5
1
N
A
o
t
7
,
1
X
E
N
A
,
0
X
E
N
A
3
±
B
S
L
B
S
L
p
m
a
-
p
o
l
a
n
r
e
t
x
E
e
d
o
m
n
o
i
t
c
e
n
n
o
c
7
±
B
S
L
B
S
L
L
N
Dr
o
r
r
E
y
t
i
r
a
e
n
il
n
o
N
l
a
i
t
n
e
r
e
f
f
i
D
1
±B
S
L
-r
o
r
r
E
t
e
s
f
f
O
3
±B
S
L
-r
o
r
r
E
n
i
a
G
3
±B
S
L
R
R
E
D
D
A
L
r
e
d
d
a
L
r
o
t
s
i
s
e
RV
=
F
E
R
V C
C
80
4k
Ω
t
V
N
O
C
e
m
i
T
n
o
i
s
r
e
v
n
o
C
t
i
b
-
0
1
)
2
,
1
(
6
0
.
2
µs
t
V
N
O
C
e
m
i
T
n
o
i
s
r
e
v
n
o
C
t
i
b
-
8
)
2
,
1
(
5
7
.
1
µs
t
P
M
A
S
e
m
i
T
g
n
il
p
m
a
S
)
1
(
8
8
1
.
0
µs
V
F
E
R
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
2V C
C
V
V A
I
e
g
a
t
l
o
V
t
u
p
n
I
g
o
l
a
n
A
0V
F
E
R
V
:
S
E
T
O
N
X
(
f
e
d
i
v
i
D
.
1
N
I
p
e
e
k
o
t
,
z
H
M
6
1
g
n
i
d
e
e
c
x
e
f
i
,
)
φ
.
s
s
e
l
r
o
z
H
M
6
1
t
a
y
c
n
e
u
q
e
r
f
D
A
.
n
o
i
t
c
n
u
f
d
l
o
h
d
n
a
e
l
p
m
a
s
e
h
t
g
n
i
s
u
h
t
i
W
.
2
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
n
e
m
e
r
u
s
a
e
M
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
-n
o
i
t
u
l
o
s
e
R
8s
t
i
B
-y
c
a
r
u
c
c
A
e
t
u
l
o
s
b
A
0
.
1%
t U
S
e
m
i
T
p
u
t
e
S
3
µs
RO
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O
40
10
2k
Ω
I
F
E
R
V
t
n
e
r
r
u
C
t
u
p
n
I
y
l
p
p
u
S
r
e
w
o
P
e
c
n
e
r
e
f
e
R)
1
e
t
o
N
(5
.
1A
m
:
S
E
T
O
N
g
n
i
e
b
t
o
n
,
r
e
t
r
e
v
n
o
c
A
/
D
e
h
t
f
o
)
1
,
0
=
i
(
r
e
t
s
i
g
e
r
i
A
D
e
h
T
.
r
e
t
r
e
v
n
o
c
A
/
D
e
n
o
g
n
i
s
u
n
e
h
w
t
n
e
m
e
r
u
s
a
e
M
.
1
0
0
"
o
t
t
e
s
s
i
,
d
e
s
u
6
1
.
d
e
d
u
l
c
x
e
s
i
r
e
t
r
e
v
n
o
c
D
/
A
e
h
t
n
i
r
e
d
d
a
l
r
o
t
s
i
s
e
r
e
h
T
.
"
I
F
E
R
V
V
o
n
(
"
0
"
o
t
t
e
s
s
i
r
e
t
s
i
g
e
r
1
N
O
C
0
D
A
e
h
t
n
i
t
i
b
T
U
C
V
e
h
t
f
i
n
e
v
e
s
w
o
l
f
F
E
R
.
)
n
o
i
t
c
e
n
n
o
c
Table 26.4 A/D Conversion Characteristics (VCC=AVCC=VREF=4.2 to 5.5 V, Vss= AVSS = 0 V at
Topr=–20 to 85oC, f(BCLK) = 32MHZ unless otherwise specified)
Table 26.5 D/A Conversion Characteristics (VCC=VREF=4.2 to 5.5 V, VSS=AVSS=0 V at
Topr=–20 to 85oC, f(BCLK) = 32MHZ unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com