Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 451 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 451 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 447Page - Renesas Technology Corp M32C/86 Datasheet HTML 448Page - Renesas Technology Corp M32C/86 Datasheet HTML 449Page - Renesas Technology Corp M32C/86 Datasheet HTML 450Page - Renesas Technology Corp M32C/86 Datasheet HTML 451Page - Renesas Technology Corp M32C/86 Datasheet HTML 452Page - Renesas Technology Corp M32C/86 Datasheet HTML 453Page - Renesas Technology Corp M32C/86 Datasheet HTML 454Page - Renesas Technology Corp M32C/86 Datasheet HTML 455Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 505 page
background image
Page 428
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
26. Electrical Characteristics (M32C/86)
VCC=5V
Table 26.6 Flash Memory Version Electrical Characteristics (VCC=4.5 to 5.5 V at Topr=0 to 60oC
unless otherwise specified)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
d
r
a
d
n
a
t
S
t
i
n
U
.
n
i
M.
p
y
T.
x
a
M
-
e
c
n
a
r
u
d
n
E
e
s
a
r
E
d
n
a
m
a
r
g
o
r
P
)
2
(
0
0
1s
e
l
c
y
c
-V
(
e
m
i
T
m
a
r
g
o
r
P
d
r
o
W
C
C
5
2
=
r
p
o
T
,
V
0
.
5
=C
°
)5
20
0
2
µs
-e
m
i
T
m
a
r
g
o
r
P
t
i
B
k
c
o
L
5
20
0
2
µs
-e
m
i
T
e
s
a
r
E
k
c
o
l
B
V
(
C
C
5
2
=
r
p
o
T
,
V
0
.
5
=C
°
)
k
c
o
l
B
e
t
y
b
K
-
4
3
.
04
s
k
c
o
l
B
e
t
y
b
K
-
8
3
.
04
s
k
c
o
l
B
e
t
y
b
K
-
2
3
5
.
04
s
k
c
o
l
B
e
t
y
b
K
-
4
6
8
.
04
s
-e
m
i
T
e
s
a
r
E
k
c
o
l
B
-
d
e
k
c
o
l
n
U
-
ll
A
)
1
(
x
4
n
s
t S
P
t
i
u
c
r
i
C
y
r
o
m
e
M
h
s
a
l
F
e
z
il
i
b
a
t
S
o
t
e
m
i
T
t
i
a
W
5
1
µs
-(
e
m
i
T
d
l
o
H
a
t
a
DC
°
5
8
o
t
0
4
-
=
r
p
o
T)
0
1s
r
a
e
y
:
S
E
T
O
N
.
1
n
.
d
e
s
a
r
e
e
b
o
t
k
c
o
l
b
f
o
r
e
b
m
u
n
e
h
t
s
e
t
o
n
e
d
.
k
c
o
l
b
r
e
p
s
e
l
c
y
c
e
s
a
r
e
-
m
a
r
g
o
r
p
f
o
r
e
b
m
u
N
.
2
s
i
e
c
n
a
r
u
d
n
E
e
s
a
r
E
d
n
a
m
a
r
g
o
r
P
f
I
n
(
e
l
c
y
c
n
d
e
m
m
a
r
g
o
r
p
d
n
a
d
e
s
a
r
e
e
b
n
a
c
k
c
o
l
b
h
c
a
e
,
)
0
0
1
=
n
.
s
e
l
c
y
c
t
n
e
r
e
f
f
i
d
a
o
t
h
c
a
e
,
s
e
m
i
t
8
4
0
,
2
a
t
a
d
d
r
o
w
a
g
n
i
m
m
a
r
g
o
r
p
r
e
t
f
a
d
e
s
a
r
e
s
i
A
k
c
o
l
b
e
t
y
b
K
-
4
a
f
i
,
e
l
p
m
a
x
e
r
o
F
s
s
e
r
d
d
a
e
m
a
s
e
h
t
o
t
d
e
m
m
a
r
g
o
r
p
e
b
t
o
n
n
a
c
a
t
a
D
.
e
c
n
a
r
u
d
n
e
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
e
n
o
s
a
s
t
n
u
o
c
s
i
h
t
,
s
s
e
r
d
d
a
.
)
d
e
t
i
b
i
h
o
r
p
e
t
i
r
w
e
r
(
.
k
c
o
l
b
e
h
t
g
n
i
s
a
r
e
t
u
o
h
t
i
w
e
c
n
o
n
a
h
t
e
r
o
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com