Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 487 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 487 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 483Page - Renesas Technology Corp M32C/86 Datasheet HTML 484Page - Renesas Technology Corp M32C/86 Datasheet HTML 485Page - Renesas Technology Corp M32C/86 Datasheet HTML 486Page - Renesas Technology Corp M32C/86 Datasheet HTML 487Page - Renesas Technology Corp M32C/86 Datasheet HTML 488Page - Renesas Technology Corp M32C/86 Datasheet HTML 489Page - Renesas Technology Corp M32C/86 Datasheet HTML 490Page - Renesas Technology Corp M32C/86 Datasheet HTML 491Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 505 page
background image
Page 464
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.9 Timer
27.9.1 Timers A and B
Timers stop after reset. Set the TAiS(i=0 to 4) bit or TBjS(j=0 to 5) bit in the TABSR register or TBSR
register to "1" (starts counting) after setting operating mode, count source and counter.
The following registers and bits must be set while the TAiS bit or TBjS bit is set to "0" (stops counting).
• TAiMR, TBjMR register
• TAi, TBj register
• UDF register
• TAZIE, TA0TGL, TA0TGH bits in the ONSF register
• TRGSR register
27.9.2 Timer A
The TA1OUT, TA2OUT and TA4OUT pins are placed in high-impedance states when a low-level ("L") signal
_______
is applied to the NMI pin while the INV03 and INV02 bits in the INVC0 register are set to "112" (forced
_______
cutoff of the three-phase output by an "L" signal applied to the NMI pin).
27.9.2.1 Timer A (Timer Mode)
• The TAiS bit (i=0 to 4) in the TABSR register is set to "0" (stops counting) after reset. Set the TAiS
bit to "1" (starts counting) after selecting an operating mode and setting the TAi register.
• The TAi register indicates the counter value during counting at any given time. However, the
counter is "FFFF16" when reloading. The setting value can be read after setting the TAi register
while the counter stops and before the counter starts counting.
27.9.2.2 Timer A (Event Counter Mode)
• The TAiS (i=0 to 4) bit in the TABSR register is set to "0" (stops counting) after reset. Set the TAiS
bit to "1" (starts counting) after selecting an operating mode and setting the TAi register.
• The TAi register indicates the counter values during counting at any given time. However, the
counter will be "FFFF16" during underflow and "000016" during overflow, when reloading. The set-
ting value can be read after setting the TAi register while the counter stops and before the counter
starts counting.
27. Precautions (Timer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com