Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 486Page - Renesas Technology Corp M32C/86 Datasheet HTML 487Page - Renesas Technology Corp M32C/86 Datasheet HTML 488Page - Renesas Technology Corp M32C/86 Datasheet HTML 489Page - Renesas Technology Corp M32C/86 Datasheet HTML 490Page - Renesas Technology Corp M32C/86 Datasheet HTML 491Page - Renesas Technology Corp M32C/86 Datasheet HTML 492Page - Renesas Technology Corp M32C/86 Datasheet HTML 493Page - Renesas Technology Corp M32C/86 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 505 page
background image
Page 467
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.10 Serial I/O
27.10.1 Clock Synchronous Serial I/O Mode
_______
The RTS2 and CLK2 pins are placed in high-impedance states when a low-level ("L") signal is applied to
______
the NMI pin while the INV03 to INV02 bits in the INVC0 register are set to "112" (forced cutoff of the three-
_______
phase output by an "L" signal applied to the NMI pin).
27.10.1.1 Transmission /Reception
_______
________
When the RTS function is used while an external clock is selected, the output level of the RTSi pin is
held "L" indicating that the microcomputer is ready for reception. The transmitting microcomputer is
________
notified that reception is possible. The output level of the RTSi pin becomes high ("H") when reception
________
________
begins. Therefore, connecting the RTSi pin to the CTSi pin of the transmitting microcomputer synchro-
_______
nizes transmission and reception. The RTS function is disabled if an internal clock is selected.
27.10.1.2 Transmission
When an external clock is selected while the CKPOL bit in the UiC0 (i=0 to 4) register is set to "0" (data
is transmitted on the falling edge of the transfer clock and received on the rising edge) and the external
clock is held "H", or when the CKPOL bit is set to "1" (data is transmitted on the rising edge of the
transfer clock and received on the falling edge) and the external clock is held "L", meet the following
conditions:
• Set the TE bit in the UiC1 register to "1" (receive enabled)
• Set the TI bit in the UiC1 register to "0" (data in the UiTB register)
________
________
• Apply "L" signal to the CTSi pin if the CTS function is selected
27.10.1.3 Reception
Activating the transmitter in clock synchronous serial I/O mode generates the shift clock. Therefore,
set for transmission even if the microcomputer is used for reception only. Dummy data is output from
the TxDi pin while receiving.
If an internal clock is selected, the shift clock is generated when the TE bit in the UiC1 registers is set
to "1" (receive enabled) and dummy data is set in the UiTB register. If an external clock is selected, the
shift clock is generated when the external clock is input into CLKi pin while the TE bit is set to "1"
(receive enabled) and dummy data is set in the UiTB register.
When receiving data consecutively while the RE bit in the UiC1 register is set to "1" (data in the UiRB
register) and the next data is received by the UARTi reception register, an overrun error occurs and
the OER bit in the UiRB register is set to "1" (overrun error). In this case, the UiRB register is indeter-
minate. When overrun error occurs, program both reception and transmission registers to retransmit
earlier data. The IR bit in the SiRIC does not change when an overrun error occurs.
When receiving data consecutively, feed dummy data to the low-order byte in the UiTB register every
time a reception is made.
When an external clock is selected while the CKPOL bit in the UiC0 register is set to "0" (data is
transmitted on the falling edge of the transfer clock and received on the rising edge) and the external
clock is held "H" or when the CKPOL bit is set to "1" (data is transmitted on the rising edge of the
transfer clock and received on the falling edge) and the external clock is held "L", meet the following
conditions:
• Set the RE bit in the UiC1 register to "1" (receive enabled)
• Set the TE bit in the UiC1 register to "1" (transmit enabled)
• Set the TI bit in the UiC1 register to "0" (data in the UiTB register)
27. Precautions (Serial I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com