Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 492 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 492 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 488Page - Renesas Technology Corp M32C/86 Datasheet HTML 489Page - Renesas Technology Corp M32C/86 Datasheet HTML 490Page - Renesas Technology Corp M32C/86 Datasheet HTML 491Page - Renesas Technology Corp M32C/86 Datasheet HTML 492Page - Renesas Technology Corp M32C/86 Datasheet HTML 493Page - Renesas Technology Corp M32C/86 Datasheet HTML 494Page - Renesas Technology Corp M32C/86 Datasheet HTML 495Page - Renesas Technology Corp M32C/86 Datasheet HTML 496Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 505 page
background image
Page 469
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
27.11 A/D Converter
• Set the AD0CON0 (bit 6 excluded), AD0CON1, AD0CON2, AD0CON3, and AD0CON4 registers while
the A/D conversion is stopped (before a trigger is generated).
• Wait a minimum of 1
µs before starting the A/D conversion when changing the VCUT bit setting in the
AD0CON1 register from "0" (VREF no connection) to "1" (VREF connection).
Change the VCUT bit setting from "1" to "0" after the A/D conversion is completed.
• Insert capacitors between the AVCC pin, VREF pin, analog input pin ANij (i=none, 0, 2, 15; j=0 to 7) and
AVSS pin to prevent latch-ups and malfunctions due to noise, and to minimize conversion errors. The
same applies to the VCC and VSS pins. Figure 27.4 shows the use of capacitors to reduce noise.
27. Precautions (A/D Converter)
Microcomputer
NOTES:
1. C1
≥0.47µF, C2≥0.47µF, C3≥100pF, C4≥0.1µF, C5≥0.1µF (reference)
2. Use thick and shortest possible wiring to connect capacitors.
VCC
VSS
AVCC
AVSS
VREF
ANi
C4
C1
C2
C3
VCC
VSS
C5
ANi: ANi, AN0i, AN15i and AN2i (i=0 to 7)
VCC
VCC
VCC
Figure 27.4 Use of Capacitors to Reduce Noise
• Set the bit in the port direction register, which corresponds to the pin being used as the analog input, to
__________
"0" (input mode). Set the bit in the port direction register, which corresponds to the ADTRG pin, to "0"
(input mode) if the TRG bit in the AD0CON0 register is set to "1" (external trigger).
• When generating a key input interrupt, do not use the AN4 to AN7 pins as analog input pins (key input
interrupt request is generated when the A/D input voltage becomes "L").
• The
φAD frequency must be 16MHz or less. When the sample and hold function is not activated, the φAD
frequency must be 250 kHz or more. If the sample and hold function is activated, the
φAD frequency
must be 1MHz or more.
• Set the CH2 to CH0 bits in the AD0CON0 register or the SCAN1 and SCAN0 bits in the AD0CON1
register to re-select analog input pins when changing A/D conversion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com