Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 118Page - Renesas Technology Corp M32C/86 Datasheet HTML 119Page - Renesas Technology Corp M32C/86 Datasheet HTML 120Page - Renesas Technology Corp M32C/86 Datasheet HTML 121Page - Renesas Technology Corp M32C/86 Datasheet HTML 122Page - Renesas Technology Corp M32C/86 Datasheet HTML 123Page - Renesas Technology Corp M32C/86 Datasheet HTML 124Page - Renesas Technology Corp M32C/86 Datasheet HTML 125Page - Renesas Technology Corp M32C/86 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 505 page
background image
Page 99
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
11.3 Hardware Interrupts
Special interrupts and peripheral function interrupts are available as hardware interrupts.
11.3.1 Special Interrupts
Special interrupts are non-maskable interrupts.
______
11.3.1.1 NMI Interrupt
______
______
The NMI interrupt occurs when a signal applied to the NMI pin changes from a high-level ("H") signal
______
to a low-level ("L") signal. Refer to 11.8 NMI Interrupt for details.
11.3.1.2 Watchdog Timer Interrupt
The watchdog timer interrupt occurs when a count source of the watchdog timer underflows. Refer to
12. Watchdog Timer for details.
11.3.1.3 Oscillation Stop Detection Interrupt
The oscillation stop detection interrupt occurs when the microcomputer detects a main clock oscilla-
tion stop. Refer to 9. Clock Generation Circuit for details.
11.3.1.4 Low Voltage Detection Interrupt
The low voltage detection interrupt occurs when the voltage applied to VCC is above or below Vdet4.
Refer to 6. Voltage Detection Circuit for details.
NOTES:
1. Low voltage detection interrupt cannot be used in M32C/86T.
11.3.1.5 Single-Step Interrupt
Do not use the single-step interrupt. For development support tool only.
11.3.1.6 Address Match Interrupt
The address match interrupt occurs immediately before executing an instruction that is stored into an
address indicated by the RMADi register (i=0 to 7) when the AIERi bit in the AIER register is set to "1"
(address match interrupt enabled). Set the starting address of the instruction in the RMADi register.
The address match interrupt does not occur when a table data or addresses of the instruction other
than the starting address, if the instruction has multiple addresses, is set. Refer to 11.10 Address
Match Interrupt for details.
11.3.2 Peripheral Function Interrupt
The peripheral function interrupt occurs when a request from the peripheral functions in the microcom-
puter is acknowledged. The peripheral function interrupts and software interrupt numbers 8 to 49, 52
to 54 and 57 for the INT instruction use the same interrupt vector table. The peripheral function inter-
rupt is a maskable interrupt.
See Table 11.2 about how the peripheral function interrupt occurs. Refer to the descriptions of each
function for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com