Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 119Page - Renesas Technology Corp M32C/86 Datasheet HTML 120Page - Renesas Technology Corp M32C/86 Datasheet HTML 121Page - Renesas Technology Corp M32C/86 Datasheet HTML 122Page - Renesas Technology Corp M32C/86 Datasheet HTML 123Page - Renesas Technology Corp M32C/86 Datasheet HTML 124Page - Renesas Technology Corp M32C/86 Datasheet HTML 125Page - Renesas Technology Corp M32C/86 Datasheet HTML 126Page - Renesas Technology Corp M32C/86 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 505 page
background image
Page 100
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
11.4 High-Speed Interrupt
The high-speed interrupt executes an interrupt sequence in five cycles and returns from the interrupt in
three cycles.
When the FSIT bit in the RLVL register is set to "1" (interrupt priority level 7 available for the high-speed
interrupt), the ILVL2 to ILVL0 bits in the interrupt control registers can be set to "1112" (level 7) to use the
high-speed interrupt.
Only one interrupt can be set as the high-speed interrupt. When using the high-speed interrupt, do not set
multiple interrupts to interrupt priority level 7. Set the DMAII bit in the RLVL register to "0" (interrupt priority
level 7 available for interrupts).
Set the starting address of the high-speed interrupt routine in the VCT register.
When the high-speed interrupt is acknowledged, the FLG register is saved into the SVF register and PC is
saved into the SVP register. The program is executed from an address indicated by the VCT register.
Execute the FREIT instruction to return from the high-speed interrupt routine.
The values saved into the SVF and SVP registers are restored to the FLG register and PC by executing the
FREIT instruction.
The high-speed interrupt and the DMA2 and DMA3 use the same register. When using the high-speed
interrupt, neither DMA2 nor DMA3 is available. DMA0 and DMA1 can be used.
11.5 Interrupts and Interrupt Vectors
There are four bytes in one vector. Set the starting address of interrupt routine in each vector table. When
an interrupt request is acknowledged, the interrupt routine is executed from the address set in the interrupt
vectors.
Figure 11.2 shows the interrupt vector.
Figure 11.2 Interrupt Vector
Middle-order bits of an address
Low-order bits of an address
High-order bits of an address
0 0 16
Vector Address + 0
Vector Address + 1
Vector Address + 2
Vector Address + 3
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com