Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 135Page - Renesas Technology Corp M32C/86 Datasheet HTML 136Page - Renesas Technology Corp M32C/86 Datasheet HTML 137Page - Renesas Technology Corp M32C/86 Datasheet HTML 138Page - Renesas Technology Corp M32C/86 Datasheet HTML 139Page - Renesas Technology Corp M32C/86 Datasheet HTML 140Page - Renesas Technology Corp M32C/86 Datasheet HTML 141Page - Renesas Technology Corp M32C/86 Datasheet HTML 142Page - Renesas Technology Corp M32C/86 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 505 page
background image
Page 116
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
AIER0
AIER1
AIER2
Address Match
Interrupt 0 Enable Bit
Address Match
Interrupt 1 Enable Bit
Address Match
Interrupt 2 Enable Bit
Address Match
Interrupt 3 Enable Bit
AIER3
Function
Address Match Interrupt Enable Register
Bit Name
Bit
Symbol
Symbol
Address
After Reset
AIER
000916
0000 00002
RW
RW
RW
RW
RW
AIER4
AIER5
Address Match
Interrupt 4 Enable Bit
Address Match
Interrupt 5 Enable Bit
Address Match
Interrupt 6 Enable Bit
AIER6
RW
RW
RW
Address Match
Interrupt 7 Enable Bit
AIER7
RW
0 : Disables the interrupt
1 : Enables the interrupt
0 : Disables the interrupt
1 : Enables the interrupt
0 : Disables the interrupt
1 : Enables the interrupt
0 : Disables the interrupt
1 : Enables the interrupt
0 : Disables the interrupt
1 : Enables the interrupt
0 : Disables the interrupt
1 : Enables the interrupt
0 : Disables the interrupt
1 : Enables the interrupt
0 : Disables the interrupt
1 : Enables the interrupt
b7
b6
b5
b4
b3
b2
b1
b0
11.10 Address Match Interrupt
The address match interrupt occurs immediately before executing an instruction that is stored into an ad-
dress indicated by the RMADi register (i=0 to 7). The address match interrupt can be set in eight ad-
dresses. The AIERi bit in the AIER register determines whether the interrupt is enabled or disabled. The I
flag and IPL do not affect the address match interrupt.
Figure 11.12 shows registers associated with the address match interrupt.
The starting address of an instruction must be set in the RMADi register. The address match interrupt does
not occur when a table data or addresses other than the starting address of the instruction is set.
Figure 11.12 AIER Register and RMAD0 to RMAD7 Registers
Address Match Interrupt Register i (i=0 to 7)
Function
RW
RW
Symbol
Address
After Reset
RMAD0
001216 - 001016
00000016
RMAD1
001616 - 001416
00000016
RMAD2
001A16 - 001816
00000016
RMAD3
001E16 - 001C16
00000016
RMAD4
002A16 - 002816
00000016
RMAD5
002E16 - 002C16
00000016
RMAD6
003A16 - 003816
00000016
RMAD7
003E16 - 003C16
00000016
00000016 to FFFFFF16
Addressing Register for the Address Match Interrupt
b23
b16 b15
b8 b7
b0
Setting Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com