Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 136Page - Renesas Technology Corp M32C/86 Datasheet HTML 137Page - Renesas Technology Corp M32C/86 Datasheet HTML 138Page - Renesas Technology Corp M32C/86 Datasheet HTML 139Page - Renesas Technology Corp M32C/86 Datasheet HTML 140Page - Renesas Technology Corp M32C/86 Datasheet HTML 141Page - Renesas Technology Corp M32C/86 Datasheet HTML 142Page - Renesas Technology Corp M32C/86 Datasheet HTML 143Page - Renesas Technology Corp M32C/86 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 505 page
background image
Page 117
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Bit 1
1
0
1
0
1
0
IIOiIR Register(2)
Intelligent I/O Interrupt i Request
IIOiIE Register(3)
IRLT Bit in
IIOiIE Register
Interrupt Request(1)
Interrupt Request(1)
Interrupt Request(1)
Bit 2
Bit 7
Bit 1
Bit 2
Bit 7
i= 0 to 5, 8 to 11
NOTES:
1. See Figures 11.14 and 11.15 about bits 1 to 7 in the
IIOiIR register and bits 1 to 7 in the IIOiIE register.
2. Bits 1 to 7 in the IIOiIR register are not set to "0"
automatically even if an interrupt request is
generated. Set to "0" by program.
3. Do not change the IRLT bit and the interrupt enable bit
in the IIOiIE register simultaneously.
11.11 Intelligent I/O Interrupt and CAN Interrupt
The intelligent I/O interrupt and CAN interrupt are assigned to software interrupt numbers 44 to 49, 52 to 54,
and 57.
When using the intelligent I/O interrupt or CAN interrupt, set the IRLT bit in the IIOiIE register (i = 0 to 5, 8
to 11) to "1" (interrupt request for interrupt used).
Various interrupt requests cause the intelligent I/O interrupt to occur. When an interrupt request is gener-
ated with each intelligent I/O or CAN functions, the corresponding bit in the IIOiIR register is set to "1"
(interrupt requested). When the corresponding bit in the IIOiIE register is set to "1" (interrupt enabled), the
IR bit in the corresponding IIOiIC register is set to "1" (interrupt requested).
After the IR bit setting changes "0" to "1", the IR bit remains set to "1" when a bit in the IIOiIR register is set
to "1" by another interrupt request and the corresponding bit in the IIOiIE register is set to "1".
Bits in the IIOiIR register are not set to "0" automatically, even if an interrupt is acknowledged. Set each bit
to "0" by program. If these bit settings are left "1", all generated interrupt requests are ignored.
Figure 11.13 shows a block diagram of the intelligent I/O interrupt and CAN interrupt. Figure 11.14 shows
the IIOiIR register. Figure 11.15 shows the IIOiIE register.
Figure 11.13 Intelligent I/O Interrupt and CAN Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com