Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 152Page - Renesas Technology Corp M32C/86 Datasheet HTML 153Page - Renesas Technology Corp M32C/86 Datasheet HTML 154Page - Renesas Technology Corp M32C/86 Datasheet HTML 155Page - Renesas Technology Corp M32C/86 Datasheet HTML 156Page - Renesas Technology Corp M32C/86 Datasheet HTML 157Page - Renesas Technology Corp M32C/86 Datasheet HTML 158Page - Renesas Technology Corp M32C/86 Datasheet HTML 159Page - Renesas Technology Corp M32C/86 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 505 page
background image
Page 133
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
13. DMAC
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
(1) When 8-bit data is transferred
or when 16-bit data is transferred with a 16-bit data bus from an even source address
CPU Clock
Address
Bus
RD Signal
WR Signal
Data Bus
(3) When one wait state is inserted into the source-read bus cycle under the conditions in (1)
(2) When 16-bit data is transferred from an odd source address
or when 16-bit data is transferred and 8-bit bus is used to access a source address
CPU Clock
Address
Bus
RD Signal
WR Signal
Data Bus
CPU Use
CPU Use
CPU Use
CPU Use
Source
Source
Source + 1
Source + 1
(4) When one wait state is inserted into the source-read bus cycle under the conditions in (2)
NOTES:
1. The above applies when the destination-write bus cycle is 2 CPU clock cycles (=1 bus cycle).
However, if the destination-write bus cycle is pleaced under these conditions, it will change to
the same timing as the source-read cycle illustrated above.
Destination
Destination
CPU Clock
Address
Bus
RD Signal
WR Signal
Data bus
CPU Use
CPU Use
CPU Use
CPU Use
Source
Source
Destination
Destination
CPU Clock
Address
Bus
RD Signal
WR Signal
Data Bus
CPU Use
CPU Use
CPU Use
CPU Use
Source
Source
Source + 1
Source + 1
Destination
Destination
CPU Use
CPU Use
Source
Destination
CPU Use
CPU Use
Source
Destination
CPU Clock
Figure 13.6 Transfer Cycle Examples with the Source-Read Bus Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com