Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 153Page - Renesas Technology Corp M32C/86 Datasheet HTML 154Page - Renesas Technology Corp M32C/86 Datasheet HTML 155Page - Renesas Technology Corp M32C/86 Datasheet HTML 156Page - Renesas Technology Corp M32C/86 Datasheet HTML 157Page - Renesas Technology Corp M32C/86 Datasheet HTML 158Page - Renesas Technology Corp M32C/86 Datasheet HTML 159Page - Renesas Technology Corp M32C/86 Datasheet HTML 160Page - Renesas Technology Corp M32C/86 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 505 page
background image
Page 134
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
13. DMAC
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
13.2 DMAC Transfer Cycle
The number of DMAC transfer cycle can be calculated as follows.
Any combination of even or odd transfer read and write addresses are possible. Table 13.3 lists the number
of DMAC transfer cycles. Table 13.4 lists coefficient j, k.
Transfer cycles per transfer = Number of read cycle x j + Number of write cycle x k
Table 13.3 DMAC Transfer Cycles
Single-Chip Mode
Memory Expansion Mode
Microprocessor Mode
Transfer Unit
Bus Width
Access Address
Read
Write
Read
Write
Cycle
Cycle
Cycle
Cycle
16-bit
Even
1
1
1
1
8-bit transfers
Odd
1
1
1
1
(BWi bit in the DMDp
8-bit
Even
——
11
register = 0)
Odd
——
11
16-bit
Even
1
1
1
1
16-bit transfers
Odd
2
2
2
2
(BWi bit = 1)
8-bit
Even
——
22
Odd
——
22
i= 0 to 3, p = 0, 1
Table 13.4 Coefficient j, k
Internal Space
External Space
Internal ROM
Internal ROM
SFR
or internal RAM
or internal RAM
area
j and k BCLK cycles shown in Table 8.5.
with no wait state with a wait state
Add one cycle to j or k cycles when inserting a recovery cycle.
j=1
j=2
j=2
k=1
k=2
k=2
j, k=2 to 9
13.3 Channel Priority and DMA Transfer Timing
When multiple DMA requests are generated in the same sampling period, between the falling edge of the
CPU clock and the next falling edge, the DRQ bit in the DMiSL register (i = 0 to 3) is set to "1" (requested)
simultaneously. Channel priority in this case is : DMA0 > DMA1 > DMA2 > DMA3.
Figure 13.7 shows an example of the DMA transfer by external source.
In Figure 13.7, the DMA0 request having highest priority is received first to start a transfer when a DMA0
request and DMA1 request are generated simultaneously. After one DMA0 transfer is completed, the bus
privilege is returned to the CPU. When the CPU has completed one bus access, the DMA1 transfer starts.
After one DMA1 transfer is completed, the privilege is again returned to the CPU.
In addition, DMA requests cannot be counted up since each channel has one DRQ bit. Therefore, when
DMA requests, as DMA1 in Figure 13.7, occur more than once before receiving bus privilege, the DRQ bit
is set to "0" as soon as privilege is acquired. The bus privilege is returned to the CPU when one transfer is
completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com