Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 229Page - Renesas Technology Corp M32C/86 Datasheet HTML 230Page - Renesas Technology Corp M32C/86 Datasheet HTML 231Page - Renesas Technology Corp M32C/86 Datasheet HTML 232Page - Renesas Technology Corp M32C/86 Datasheet HTML 233Page - Renesas Technology Corp M32C/86 Datasheet HTML 234Page - Renesas Technology Corp M32C/86 Datasheet HTML 235Page - Renesas Technology Corp M32C/86 Datasheet HTML 236Page - Renesas Technology Corp M32C/86 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 505 page
background image
Page 210
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
(4) When the IICM2 bit is set to "1" and the CKPH bit is set to "1"
(3) When the IICM2 bit is set to "1" (UART transmit or receive interrupt) and the CKPH bit is set to "0"
SDAi
SCLi
Receive interrupt
(DMA request)
Transmit interrupt
SDAi
SCLi
i=0 to 4
IICM2 : Bit in the UiSMR2 register
CKPH : Bit in the UiSMR3 regiser
The above timing applies to the following setting :
• The CKDIR bit in the UiMR register is set to "1" (slave)
(1) When the IICM2 bit is set to "0" (ACK or NACK interrupt) and the CKPH bit is set to "0" (No clock delay)
D6
D5
D4
D3
D2
D1
D8 (ACK or NACK)
D7
SDAi
SCLi
D0
ACK interrupt (DMA
request) or NACK interrupt
(2) When the IICM2 bit is set to "0" and the CKPH bit is set to "1" (clock delay)
SDAi
SCLi
1st
bit
2nd
bit
3rd
bit
4th
bit
5th
bit
6th
bit
7th
bit
8th
bit
9th
bit
b15
•••
b9
b8
b7
b0
D8
Contents of the UiRB register
b15
•••
b9
b8
b7
b0
b15
•••
b9
b8
b7
b0
b15
•••
b9
b8
b7
b0
b15
•••
b9
b8
b7
b0
D7 D6 D5 D4 D3 D2 D1 D0
D6
D5
D4
D3
D2
D1
D7
D0
ACK interrupt (DMA
request) or NACK interrupt
D8 D7 D6 D5 D4 D3 D2 D1 D0
D6
D5
D4
D3
D2
D1
D7
D0
D7 D6 D5 D4 D3 D2 D1
D0
D6
D5
D4
D3
D2
D1
D7
D0
D7 D6 D5 D4 D3 D2 D1
D0
D8 D7 D6 D5 D4 D3 D2 D1 D0
D8 (ACK or NACK)
1st
bit
2nd
bit
3rd
bit
4th
bit
5th
bit
6th
bit
7th
bit
8th
bit
9th
bit
D8 (ACK or NACK)
1st
bit
2nd
bit
3rd
bit
4th
bit
5th
bit
6th
bit
7th
bit
8th
bit
9th
bit
D8 (ACK or NACK)
1st
bit
2nd
bit
3rd
bit
4th
bit
5th
bit
6th
bit
7th
bit
8th
bit
9th
bit
Data is transferred to the UiRB register
Data is transferred to the UiRB register
Data is transferred to the UiRB register
Receive interrupt
(DMA request)
Transmit interrupt
Data is transferred to the UiRB register
Data is transferred to the UiRB register
Contents of the UiRB register
Contents of the UiRB register
Contents of the UiRB register
Contents of the UiRB register
Figure 17.20 SCLi Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com