Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 231Page - Renesas Technology Corp M32C/86 Datasheet HTML 232Page - Renesas Technology Corp M32C/86 Datasheet HTML 233Page - Renesas Technology Corp M32C/86 Datasheet HTML 234Page - Renesas Technology Corp M32C/86 Datasheet HTML 235Page - Renesas Technology Corp M32C/86 Datasheet HTML 236Page - Renesas Technology Corp M32C/86 Datasheet HTML 237Page - Renesas Technology Corp M32C/86 Datasheet HTML 238Page - Renesas Technology Corp M32C/86 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 505 page
background image
Page 212
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O (Special Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
17.3.1 Detecting Start Condition and Stop Condition
The microcomputer detects either a start condition or stop condition. The start condition detect interrupt
is generated when the SCLi (i=0 to 4) pin level is held high ("H") and the SDAi pin level changes "H" to low
("L"). The stop condition detect interrupt is generated when the SCLi pin level is held "H" and the SDAi pin
level changes "L" to "H". The start condition detect interrupt shares interrupt control registers and vectors
with the stop condition detect interrupt. The BBS bit in the UiSMR register determines which interrupt is
requested.
Setup time
Hold time
SCLi
SDAi
(Start condition)
SDAi
(Stop condition)
3 to 6 cycles < setup time(1)
3 to 6 cycles < hold time(1)
i=0 to 4
NOTES:
1. These cycles are main clock generation frequency cycles (XIN).
Figure 17.21 Start Condition or Stop Condition Detecting
17.3.2 Start Condition or Stop Condition Output
The start condition is generated when the STAREQ bit in the UiSMR4 register (i=0 to 4) is set to "1"
(start). The restart condition is generated when the RSTAREQ bit in the UiSMR4 register is set to "1"
(start). The stop condition is generated the STPREQ bit in the UiSMR4 is set to "1" (start).
The start condition is output when the STAREQ bit is set to "1" and the STSPSEL bit in the UiSMR4
register is set to "1" (start or stop condition generating circuit selected). The restart condition output is
provided when the RSTAREQ bit and STSPSEL bit are set to "1". The stop condition output is provided
when the STPREQ bit and the STSPSEL bit are set to "1".
When the start condition, stop condition or restart condition is output, do not generate an interrupt be-
tween the instruction to set the STAREQ bit, STPREQ bit or RSTAREQ bit to "1" and the instruction to set
the STSPSEL bit to "1". When the start condition is output, set the STAREQ bit to "1" before the
STSPSEL bit is set to "1".
Table 17.18 lists function of the STSPSEL bit. Figure 17.22 shows functions of the STSPSEL bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com