Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 282Page - Renesas Technology Corp M32C/86 Datasheet HTML 283Page - Renesas Technology Corp M32C/86 Datasheet HTML 284Page - Renesas Technology Corp M32C/86 Datasheet HTML 285Page - Renesas Technology Corp M32C/86 Datasheet HTML 286Page - Renesas Technology Corp M32C/86 Datasheet HTML 287Page - Renesas Technology Corp M32C/86 Datasheet HTML 288Page - Renesas Technology Corp M32C/86 Datasheet HTML 289Page - Renesas Technology Corp M32C/86 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 505 page
background image
Page 263
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figures 22.1 shows a block diagram of the intelligent I/O. Figure 22.2 shows a block diagram of the
intelligent I/O communication.
Figure 22.1 Intelligent I/O Block Diagram
G1TM0, G1PO0
Register(1)
G1TM1, G1PO1
Register(1)
G1TM2, G1PO2
Register(1)
G1TM3, G1PO3
Register(1)
G1TM4, G1PO4
Register(1)
G1TM5, G1PO5
Register(1)
G1TM6, G1PO6
Register(1)
G1TM7, G1PO7
Register(1)
Base Timer
Base timer reset
in the communication unit 1
Request by matching the base timer with the G1PO0 register
Request from the INT pin
Divider
2(n+1)
DIV4 to DIV0
fBT1
Edge
Select
Digital
Filter
Edge
Select
Gate
Function
Gate
Function
Edge
Select
Edge
Select
Edge
Select
Edge
Select
Edge
Select
Edge
Select
INPC10
BCK1 and BCK0
11
10
00
10 : fBT1
11 : f1
10 : fBT1
11 : f1
10 : fBT1
11 : f1
10 : fBT1
11 : f1
10 : fBT1
11 : f1
10 : fBT1
11 : f1
10 : fBT1
11 : f1
10 : fBT1
11 : f1
00
00
00
00
00
00
00
INPC11
/ ISCLK1
INPC12
/ ISRxD1
INPC13
INPC14
INPC15
INPC16
INPC17
BTS
BTRE
DF1 and DF0
CTS1 and CTS0
DF1 and DF0
CTS1 and CTS0
DF1 and DF0
CTS1 and CTS0
DF1 and DF0
CTS1 and CTS0
DF1 and DF0
CTS1 and CTS0
DF1 and DF0
CTS1 and CTS0
DF1 and DF0
CTS1 and CTS0
DF1 and DF0
CTS1 and CTS0
GT
GT
1
1
0
0
1
1
0
0
PR
PR
Ch0 to Ch7
interrupt request signal
OUTC10/ISTxD1
/BE1OUT
OUTC11/ISCLK1
OUTC14
OUTC12
OUTC13
OUTC15
OUTC16
OUTC17
Prescaler
Function
Prescaler
Function
Overflow of bit 15 in the base timer
Overflow of bit 9 in the base timer
f1
111
000 to 010
111
000 to 010
MOD2 to MOD0
MOD2 to MOD0
DIV4 to DIV0 bits, BCK1 and BCK0 bits : Bits in the G1BCR0 Register
BTS : Bit in the G1BCR1 Register
CTS1 and CTS0, DF1 and DF0, GT, PR : Bits in the G1TMCRj Register (j = 0 to 7)
MOD2 to MOD0 : Bits in the G1POCRj Register
BTRE : Bit in the G1POCR0 Register
NOTES:
1. Each register is placed in a reset state after the G1BCR0 register
supplies the clock.
Communication
Unit 1
Communication
Unit 0
ISRxD0
ISTxD0
ISCLK0
f8
f2n
f1
Two-phase
pulse signal
is applied
0
1
Digital
Filter
Digital
Filter
Digital
Filter
Digital
Filter
Digital
Filter
Digital
Filter
Digital
Filter
PWM
Output
PWM
Output
PWM
Output
PWM
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com