Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 286Page - Renesas Technology Corp M32C/86 Datasheet HTML 287Page - Renesas Technology Corp M32C/86 Datasheet HTML 288Page - Renesas Technology Corp M32C/86 Datasheet HTML 289Page - Renesas Technology Corp M32C/86 Datasheet HTML 290Page - Renesas Technology Corp M32C/86 Datasheet HTML 291Page - Renesas Technology Corp M32C/86 Datasheet HTML 292Page - Renesas Technology Corp M32C/86 Datasheet HTML 293Page - Renesas Technology Corp M32C/86 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 505 page
background image
Page 267
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.5 G1TMCR0 to G1TMCR7 Registers, G1TPR6 and G1TPR7 Registers
Time Measurement Control Register 1j (j=0 to 7)
Symbol
G1TMCR0 to G1TMCR3
G1TMCR4 to G1TMCR7
Address
011816, 011916, 011A16, 011B16
011C16, 011D16, 011E16, 011F16
After Reset
0016
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
CTS0
CTS1
DF0
Time Measurement
Trigger Select Bit
DF1
Gate Function
Select Bit(1)
GT
GOC
PR
GSC
Digital Filter Function
Select Bit
Gate Function Clear
Select Bit(1, 2, 3)
0 : Gate function is not used
1 : Gate function is used
Gate Function Clear
Bit(1, 2)
Prescaler Function
Select Bit(1)
b1
0
0
1
1
b0
0
1
0
1
: No time measurement
: Rising edge
: Falling edge
: Both edges
b3
0
0
1
1
b2
0
1
0
1
: No digital filter
: Do not set to this value
: fBT1
: f1
0 : Not cleared
1 : The gate is cleared when the base
timer matches the GiPOk register
The gate is cleared by setting the
GSC bit to "1"
0 : Not used
1 : Used
NOTES:
1. The GT, GOC, GSC and PR bits in the G1TMCR6 and G1TMCR7 registers can be used to select
these functions.
Set all bits 7 to 4 in the G1TMCR0 to G1TMCR5 registers to "0".
2. The GOC and GSC bits are enabled only when the GT bit is set to "1".
3. The GOC bit is set to "0" after the gate function is cleared. See Figure 22.7 about the G1POk register
(k=4 when j=6 and k=5 when j=7).
b7
b6
b5
b4
b3
b2
b1
b0
Time Measurement Prescaler Register 1j (j=6,7)
Symbol
Address
After Reset
G1TPR6, G1TPR7
012416, 012516
0016
RW
RW
Function
Setting Range
If the setting value is n, the base timer value is
stored into G1TMj register whenever a trigger input
is counted by n+1(1)
0016 to FF16
NOTES:
1. The first prescaler, after the PR bit setting in the G1TMCRj register is changed from "0" (not used) to
"1" (used), may be divided by n rather than n+1. The subsequent prescaler is divided by n+1.
b7
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com