Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 308 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 308 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 304Page - Renesas Technology Corp M32C/86 Datasheet HTML 305Page - Renesas Technology Corp M32C/86 Datasheet HTML 306Page - Renesas Technology Corp M32C/86 Datasheet HTML 307Page - Renesas Technology Corp M32C/86 Datasheet HTML 308Page - Renesas Technology Corp M32C/86 Datasheet HTML 309Page - Renesas Technology Corp M32C/86 Datasheet HTML 310Page - Renesas Technology Corp M32C/86 Datasheet HTML 311Page - Renesas Technology Corp M32C/86 Datasheet HTML 312Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 505 page
background image
Page 285
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
FFFF16
m
65536
fBT1
65536 x 2
fBT1
000016
m
n+2
000016
65536
fBT1
m
fBT1
n+2
fBT1
n+2
fBT1
2(n+2)
fBT1
Base Timer
(1) Free-Running Operation
(The RST2 and RST1 bits in the G1BCR1 register are set to "002")
OUTC1j pin(1)
OUTC1j pin(2)
PO1jR bit in the
IIOiIR register
i=0 to 4, 8 to 10; j=0 to 7
m : Setting value of the G1POj register, 000016 to FFFF16
Inverse
Inverse
Write "0" by program
if setting to "0"
Inverse
Inverse
(2) The Base Timer is Reset when the Base Timer Matches the G1PO0 Register
(The RST1 bit is set to "1" and the RST2 bit is set to "0")
PO1jR bit in the
IIOiIR register
OUTC1j pin
Base Timer
Write "0" by
program if
setting to "0"
Inverse
i=0 to 4, 8 to 10; j=1 to 7
m : Setting value of the G1POj register, 000016 to FFFF16
n: Setting value of the G1PO0 register, 000116 to FFFD16
The above applies to the following conditions:
• The IVL bit in the G1POCRj register is set to "0" ("L" output as default value) and
the INV bit is set to "0" (not inversed).
• The UD1 and UD0 bits are set to "002" (counter increment mode).
• m<n+2
Inverse
Inverse
"H"
"L"
"H"
"H"
"1"
"0"
"L"
"L"
"1"
"0 "
NOTES:
1. Waveform output when the INV bit in the G1POCRj register is set to "0" (not inversed)
and the IVL bit in the G1POCRj register is set to "0" ("L" output as default value).
2. Waveform output when the INV bit is set to "0" (not inversed) and the IVL bit is set to "1"
("H" output as default value).
The above applies to the following condition:
• The RST2 and RST1 bits in the G1BCR1 register are set to "002" (no base timer reset)
and the UD1 and UD0 bits in the G1BCR1 register to "002" (counter increment mode).
Figure 22.17 Phase-delayed Waveform Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com