Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 305Page - Renesas Technology Corp M32C/86 Datasheet HTML 306Page - Renesas Technology Corp M32C/86 Datasheet HTML 307Page - Renesas Technology Corp M32C/86 Datasheet HTML 308Page - Renesas Technology Corp M32C/86 Datasheet HTML 309Page - Renesas Technology Corp M32C/86 Datasheet HTML 310Page - Renesas Technology Corp M32C/86 Datasheet HTML 311Page - Renesas Technology Corp M32C/86 Datasheet HTML 312Page - Renesas Technology Corp M32C/86 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 505 page
background image
Page 286
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Waveform Generating Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
22.3.3 Set/Reset Waveform Output (SR Waveform Output) Mode
Output signal level of the OUTC1j pin becomes high ("H") when the base timer value matches the G1POj
register (j=0, 2, 4, 6) setting. The "H" signal switches to a low-level ("L") signal when the base timer value
matches the G1POk register (k=j+1) setting or when the base timer is set to "000016". If the IVL bit in the
G1POCRj register is set to "1" ("H" output as default value), an "H" signal output is provided when wave-
form output starts. If the INV bit is set to "1" (output inversed), the level of the output waveform is inversed.
Table 22.11 lists specifications of SR waveform output mode. Figure 22.18 shows an example of a SR
waveform output mode operation.
Table 22.11 SR Waveform Output Mode Specifications
Item
Specification
Output Waveform(2)
• Free-running operation
(the RST2 and RST1 bits in the G1BCR1 register are set to "002")
(1) m < n
"H" width
:
"L" width
:
(2) m
≥ n
"H" width
:
"L" width
:
m : setting value of the G1POj register (j=0, 2, 4, 6 )
n : setting value of the G1POk register (k=j+1)
• The base timer is cleared to "000016" by matching the base timer with the
G1PO0 register(1) (the RST1 bit is set to "1" and the RST2 bit is set to "0")
(1) m < n < p+2
"H" width
:
"L" width
:
(2) m < p+2
≤ n
"H" width
:
"L" width
:
(3) If m
≥ p+2, the output level is fixed to "L"
m : setting value of the G1POj register (j=2, 4, 6), 000016 to FFFF16
n : setting value of the G1POk register (k=j+1), 000016 to FFFF16
p : setting value of the G1PO0 register, 000116 to FFFD16
NOTES:
1. When the G1PO0 register resets the base timer, the channel 0 and 1 SR waveform generating functions are not
available.
2. When the INV bit in the G1POCRj register is set to "1" (output inversed), the "L" width and "H" width are inversed.
3. Waveform from base timer reset until when output level becomes "H".
4. Waveform from when output level becomes "L" until base timer reset.
m (3)
fBT1
n-m
fBT1
+
65536 - n(4)
fBT1
65536 - m
fBT1
m
fBT1
n-m
fBT1
m (3)
fBT1
+
p + 2 - n(4)
fBT1
p + 2 - m
fBT1
m
fBT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com