Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 309Page - Renesas Technology Corp M32C/86 Datasheet HTML 310Page - Renesas Technology Corp M32C/86 Datasheet HTML 311Page - Renesas Technology Corp M32C/86 Datasheet HTML 312Page - Renesas Technology Corp M32C/86 Datasheet HTML 313Page - Renesas Technology Corp M32C/86 Datasheet HTML 314Page - Renesas Technology Corp M32C/86 Datasheet HTML 315Page - Renesas Technology Corp M32C/86 Datasheet HTML 316Page - Renesas Technology Corp M32C/86 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 505 page
background image
Page 290
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.20 G0CR and G1CR Registers, G0RB and G1RB Registers
SI/O Communication Control Register i (i=0, 1)
Symbol
Address
After Reset
G0CR, G1CR
00EF16, 012F16
0000 X0112
RW
RW
RW
RW
RW
RO
RO
RO
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its contents is indeterminate.
TI
TXEPT
RI
(b3)
Transmit Buffer
Empty Flag
TE
RE
IPOL
OPOL
Receive Complete
Flag
Transmit Enable Bit
Receive Enable Bit
ISRxD Input Polarity
Switch Bit
ISTxD Output Polarity
Switch Bit
0 : No data in the GiRB register
1 : Data in the GiRB register
0 : Transmit disable
1 : Transmit enable
0 : No inverse
1 : Inverse(1)
Transmit Register
Empty Flag
0 : Data in the GiTB register
1 : No data in the GiTB register
0 : Data in the transmit register
(during transmission)
1 : No data in the transmit register
(transmit completed)
0 : No inverse
1 : Inverse(1)
NOTES:
1. Set this bit to "1" when using UART mode.
b7
b6
b5
b4
b3
b2
b1
b0
0 : Receive disable
1 : Receive enable
Function
SI/O Receive Buffer Register i (i=0, 1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
G0RB, G1RB
00E916-00E816, 012916-012816
X000 XXXX XXXX XXXX2
RW
RW
RO
RO
FER
Received data
OER
(b7 - b0)
(b11 - b8)
(b15)
0 : No overrun error
1 : Overrun error found
Nothing is assigned.
When read, its content is indeterminate.
Nothing is assigned.
When read, its content is indeterminate.
Framing Error Flag(1)
0 : No framing error
1 : Framing error found
Overrun Error Flag
b7
b0
b15
b8
NOTES:
1. Nothing is assigned in the FER and PER bits in the G0RB register.
When read, its content is indeterminate.
PER
Parity Error Flag(1)
0 : No parity error
1 : Parity error found
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com