Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 312Page - Renesas Technology Corp M32C/86 Datasheet HTML 313Page - Renesas Technology Corp M32C/86 Datasheet HTML 314Page - Renesas Technology Corp M32C/86 Datasheet HTML 315Page - Renesas Technology Corp M32C/86 Datasheet HTML 316Page - Renesas Technology Corp M32C/86 Datasheet HTML 317Page - Renesas Technology Corp M32C/86 Datasheet HTML 318Page - Renesas Technology Corp M32C/86 Datasheet HTML 319Page - Renesas Technology Corp M32C/86 Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 505 page
background image
Page 293
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.24 G0ETC and G1ETC Registers
SI/O Expansion Transmit Control Register 0(1)
Symbol
Address
After Reset
G0ETC
00FF16
0000 0XXX2
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
Reserved Bit
RW
Set to "0"
Reserved Bit
Set to "0"
TCRCE
(b3 - b0)
(b5)
TBSF0
TBSF1
Transmit CRC
Enable Bit
Transmit Bit Stuffing "1"
Insert Select Bit
0 : Not used
1 : Used
Transmit Bit Stuffing "0"
Insert Select Bit
0 : "1" is not inserted
1 : "1" is inserted
0 : "0" is not inserted
1 : "0" is inserted
b7
b6
b5
b4
b3
b2
b1
b0
0
0
NOTES:
1. The G0ETC register is used in HDLC data processing mode. It must be in a reset state or set to
"0016" in clock synchronous serial I/O mode.
0 0 0
SI/O Expansion Transmit Control Register 1(1)
Symbol
Address
After Reset
G1ETC
013F16
0000 0XXX2
RW
RW
RO
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
NOTES:
1. The G1ETC register is used in special communication mode or HDLC data processing mode. It
must be in a reset state or set to "0016" in clock synchronous serial I/O mode or UART mode.
Reserved Bit
When read,
its content is indeterminate
SOF
(b2 - b0)
TCRCE
ABTE
TBSF0
TBSF1
Transmit CRC
Enable Bit
Arbitration Enable Bit
Transmit Bit Stuffing "1"
Insert Select Bit
0 : Not used
1 : Used
0 : Not used
1 : Used
SOF Transmit
Request Bit
0 : No request to transmit SOF
1 : Request to transmit SOF
Transmit Bit Stuffing "0"
Insert Select Bit
0 : "1" is not inserted
1 : "1" is inserted
0 : "0" is not inserted
1 : "0" is inserted
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com