Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 315Page - Renesas Technology Corp M32C/86 Datasheet HTML 316Page - Renesas Technology Corp M32C/86 Datasheet HTML 317Page - Renesas Technology Corp M32C/86 Datasheet HTML 318Page - Renesas Technology Corp M32C/86 Datasheet HTML 319Page - Renesas Technology Corp M32C/86 Datasheet HTML 320Page - Renesas Technology Corp M32C/86 Datasheet HTML 321Page - Renesas Technology Corp M32C/86 Datasheet HTML 322Page - Renesas Technology Corp M32C/86 Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 505 page
background image
Page 296
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.27 G1IRF Register, G0TB and G1TB / G0DR and G1DR Registers
SI/O Special Communication Interrupt Detect Register 1(1,2)
Symbol
Address
After Reset
G1IRF
013E16
0016
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
NOTES:
1. The G1IRF register is used in special communication mode or HDLC data processing mode. It must
be in a reset state or set to "0016" in clock synchronous serial I/O mode or UART mode.
2. The SRT1R bit in the IIO4IR register is also set to "1" if the BSERR, ABT or IRF0 to IRF3 bit is set to "1".
Reserved Bit
Set to "0"
ABT
BSERR
(b1 - b0)
Arbitration Lost
Detect Flag
Bit Stuffing Error
Detect Flag
0 : Not detected
1 : Detected
0 : Not detected
1 : Detected
IRF0
IRF1
IRF2
Interrupt Cause
Determination
Flag 0
IRF3
Interrupt Cause
Determination
Flag 1
Interrupt Cause
Determination
Flag 2
Interrupt Cause
Determination
Flag 3
b7
b6
b5
b4
b3
b2
b1
b0
0 : The G1DR register (receive data register)
does not match the G1CMP0 register
1 : The G1DR register (receive data register)
matches the G1CMP0 register
0 : The G1DR register (receive data register)
does not match the G1CMP1 register
1 : The G1DR register (receive data register)
matches the G1CMP1 register
0 : The G1DR register (receive data register)
does not match the G1CMP2 register
1 : The G1DR register (receive data register)
matches the G1CMP2 register
0 : The G1DR register (receive data register)
does not match the G1CMP3 register
1 : The G1DR register (receive data register)
matches the G1CMP3 register
0
0
Transmit Buffer (Receive Data) Register (i=0,1)
Symbol
Address
After Reset
G0TB, G0DR
00EA16
Indeterminate
G1TB, G1DR
012A16
Indeterminate
RW
RW
Function
b7
b0
Set data to be transmitted.
In HDLC data processing mode, the receive data register is read by
reading the GiTB register. Value is written to the transmit buffer register
by writing it to the GiTB register. In HDLC data processing mode, the
value set in the GiRI register is transferred to the GiDR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com