Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 317Page - Renesas Technology Corp M32C/86 Datasheet HTML 318Page - Renesas Technology Corp M32C/86 Datasheet HTML 319Page - Renesas Technology Corp M32C/86 Datasheet HTML 320Page - Renesas Technology Corp M32C/86 Datasheet HTML 321Page - Renesas Technology Corp M32C/86 Datasheet HTML 322Page - Renesas Technology Corp M32C/86 Datasheet HTML 323Page - Renesas Technology Corp M32C/86 Datasheet HTML 324Page - Renesas Technology Corp M32C/86 Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 505 page
background image
Page 298
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.29 CCS Register
Communication Clock Select Register
Symbol
Address
After Reset
CCS
00F616
XXXX 00002
RW
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
Communication
Unit 0 Clock
Select Bit
Communication
Unit 1 Clock
Select Bit
: Do not set to this value
: f1(1)
: f2n
: f8
b1
0
0
1
1
b0
0
1
0
1
: Clock output from the channel i (i=1 to 3)
: f1(1)
: f2n
: f8
b3
0
0
1
1
b2
0
1
0
1
Nothing is assigned. When write, set to "0".
When read, its contents is indeterminate.
NOTES:
1. This setting is enabled in HDLC data processing mode. Do not set the CCS1 and CC0 bits or
CCS3 and CCS2 bits to "012" in other modes.
CCS0
CCS1
CCS2
CCS3
(b7 - b4)
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com