Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 316Page - Renesas Technology Corp M32C/86 Datasheet HTML 317Page - Renesas Technology Corp M32C/86 Datasheet HTML 318Page - Renesas Technology Corp M32C/86 Datasheet HTML 319Page - Renesas Technology Corp M32C/86 Datasheet HTML 320Page - Renesas Technology Corp M32C/86 Datasheet HTML 321Page - Renesas Technology Corp M32C/86 Datasheet HTML 322Page - Renesas Technology Corp M32C/86 Datasheet HTML 323Page - Renesas Technology Corp M32C/86 Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 505 page
background image
Page 297
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
22. Intelligent I/O (Communication Function)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 22.28 G0CMP0 to G0CMP3 Registers and G1CMP0 to G1CMP3 Registers
G0MSK0 and G0MSK1 Registers, G1MSK0 and G1MSK1 Registers
G0TCRC and G1TCRC Registers, G0RCRC and G1RCRC Registers
Data Compare Register ij (i=0,1, j=0 to 3)
Symbol
Address
After Reset
G0CMP0 to G0CMP3
00F016, 00F116, 00F216, 00F316
Indeterminate
G1CMP0 to G1CMP3
013016, 013116, 013216, 013316
Indeterminate
RW
RW
Function
Setting Range
b7
b0
Data to be compared
0016 to FF16
NOTES:
1. Set the GiMSK0 register to use the GiCMP0 register.
Set the GiMSK1 register to use the GiCMP1 register.
Data Mask Register ij (i=0,1, j=0,1)
Symbol
Address
After Reset
G0MSK0, G0MSK1
00F416, 00F516
Indeterminate
G1MSK0, G1MSK1
013416, 013516
Indeterminate
Function
Setting Range
RW
RW
b7
b0
Masked data for received data
Set incomparable bit to "1"
0016 to FF16
Transmit CRC Code Register i (i=0,1)
Symbol
Address
After Reset
G0TCRC, G1TCRC
00FB16-00FA16, 013B16-013A16
000016
Function
RW
RO
b0
Result of the transmit CRC calculation(1, 2)
b7
b15
b8
NOTES:
1. The calculated result is reset by setting the TE bit in the GiCR register to "0" (transmit disabled).
The CRCV bit in the GiEMR register selects a default value.
2. Transmit CRC calculation is performed with each bit of data transmitted while the TCRCE bit in
the GiETC register is set to "1" (used).
Receive CRC Code Register i (i=0,1)
Symbol
Address
After Reset
G0RCRC, G1RCRC
00F916-00F816, 013916-013816
Indeterminate
Function
b0
Result of the receive CRC calculation(1, 2, 3)
b7
b15
b8
RW
RO
NOTES:
1. The calculated result is reset by setting the RCRCE bit in the GiERC register to "0" (not used).
If the ACRC bit in the GiEMR register is set to "1" (reset), the result is reset by matching data in the
GiCMPj register (j=0 to 3) with the received data.
2. The result is reset to the default value selected by the CRCV bit in the GiEMR register before
reception starts.
3. Receive CRC calculation is performed with every bit of data received while the RCRCE bit in the
GiERC register is set to "1" (used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com