Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 100Page - Renesas Technology Corp 7721 Datasheet HTML 101Page - Renesas Technology Corp 7721 Datasheet HTML 102Page - Renesas Technology Corp 7721 Datasheet HTML 103Page - Renesas Technology Corp 7721 Datasheet HTML 104Page - Renesas Technology Corp 7721 Datasheet HTML 105Page - Renesas Technology Corp 7721 Datasheet HTML 106Page - Renesas Technology Corp 7721 Datasheet HTML 107Page - Renesas Technology Corp 7721 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 577 page
background image
7721 Group User’s Manual
7–7
INTERRUPTS
7.3.1 Interrupt disable flag (I)
All maskable interrupts can be disabled by this flag. When this flag is set to “1,” all maskable interrupts
are disabled; when this flag is cleared to “0,” those interrupts are enabled. Because this flag is set to “1”
at reset, clear this flag to “0” when enabling interrupts.
7.3.2 Interrupt request bit
When an interrupt request occurs, this bit is set to “1.” This bit remains set to “1” until the interrupt request
is accepted; it is cleared to “0” when the interrupt request is accepted.
This bit can also be set to “0” or “1” by software.
____
____
The INTi interrupt request bit (i = 0 to 2) is ignored when the INTi interrupt is used with level sense.
7.3.3 Interrupt priority level select bits and processor interrupt priority level (IPL)
The interrupt priority level select bits are used to determine the priority level of each interrupt.
When an interrupt request occurs, its interrupt priority level is compared with the processor interrupt priority
level (IPL). The requested interrupt is enabled only when the comparison result meets the following condition.
Accordingly, an interrupt can be disabled by setting its interrupt priority level to 0.
Each interrupt priority level > Processor interrupt priority level (IPL)
Table 7.3.1 lists the setting of interrupt priority level, and Table 7.3.2 lists the interrupt enabled level
corresponding to IPL contents.
The interrupt disable flag (I), interrupt request bit, interrupt priority level select bits, and processor interrupt
priority level (IPL) are independent of one another; they do not affect one another. Interrupt requests are
accepted only when the following conditions are satisfied.
•Interrupt disable flag (I) = “0”
•Interrupt request bit = “1”
•Interrupt priority level > Processor interrupt priority level (IPL)
7.3 Interrupt control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com