Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 104Page - Renesas Technology Corp 7721 Datasheet HTML 105Page - Renesas Technology Corp 7721 Datasheet HTML 106Page - Renesas Technology Corp 7721 Datasheet HTML 107Page - Renesas Technology Corp 7721 Datasheet HTML 108Page - Renesas Technology Corp 7721 Datasheet HTML 109Page - Renesas Technology Corp 7721 Datasheet HTML 110Page - Renesas Technology Corp 7721 Datasheet HTML 111Page - Renesas Technology Corp 7721 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 577 page
background image
7721 Group User’s Manual
7–11
INTERRUPTS
The following explains the operation of the interrupt priority detection circuit using Figure 7.5.2.
The interrupt priority level of a requested interrupt (Y in Figure 7.5.2) is compared with the resultant priority
level which is sent from the preceding comparator (X in Figure 7.5.2); the interrupt with the higher priority
level is sent to the next comparator (Z in Figure 7.5.2). (Initial comparison value of “X” is “0.”) For an
interrupt which is not requested, the comparison is not performed and the priority level which is sent from
the preceding comparator is forwarded to the next comparator as it is. When the two priority levels are found
the same by comparison, the priority level which is sent from the preceding comparator is forwarded to the
next comparator. Accordingly, when the same priority level is set by software, the interrupt priority levels are
handled as follows:
DMA3 > DMA2 > DMA1 > DMA0 > A-D conversion > UART1 transmit > UART1 receive > UART0 transmit
> UART0 receive > Timer B2 > Timer B1 > Timer B0 > Timer A4 > Timer A3 > Timer A2 > Timer A1 > Timer
____
____
____
A0 > INT2 > INT1 > INT0
Among the multiple interrupt requests sampled at the same time, one request with the highest priority level
is detected by the above comparison.
Then, this highest interrupt priority level is compared with the processor interrupt priority level (IPL). When
this interrupt priority level is higher than the processor interrupt priority level (IPL) and the interrupt disable
flag (I) is “0,” the interrupt request is accepted. A interrupt request which is not accepted here is held until
it is accepted or its interrupt request bit is cleared to “0” by software.
The interrupt priority is detected when the CPU fetches an op code, which is called the CPU’s op-code fetch
cycle. However, when an op-code fetch cycle starts during detection of an interrupt priority, a new interrupt
priority detection does not start. (Refer to “Figure 7.6.1.”) Since the state of the interrupt request bit and
interrupt priority levels are latched during the interrupt priority detection, even if they change, the interrupt
priority detection is performed for the previous state before the change occurred.
The interrupt priority level is detected when the CPU fetches an op code. Therefore, in the following
execution or states, after the execution or state is terminated, no interrupt request is accepted until the CPU
fetches the op code of the next instruction.
•Execution of an instruction which requires many cycles, such as the MVN or MVP instruction
•During DRAM refreshment
•During Hold state
•During DMA transfer
7.5 Interrupt priority level detection circuit
Y
X
Z
Comparator
(Priority level
comparison)
qWhen X
Y then Z = X
qWhen X
Y then Z = Y
Interrupt source Y
X : Priority level sent from the preceding
comparator (Highest priority at this point)
Y : Priority level of interrupt source Y
Z : Highest priority at this point
Time
Fig. 7.5.2 Interrupt priority level detection model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com